Electronic Components Datasheet Search
  English  ▼

X  

RTL8139 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # RTL8139
Description  REALTEK 3.3V SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RTL8139 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button RTL8139 Datasheet HTML 14Page - List of Unclassifed Manufacturers RTL8139 Datasheet HTML 15Page - List of Unclassifed Manufacturers RTL8139 Datasheet HTML 16Page - List of Unclassifed Manufacturers RTL8139 Datasheet HTML 17Page - List of Unclassifed Manufacturers RTL8139 Datasheet HTML 18Page - List of Unclassifed Manufacturers RTL8139 Datasheet HTML 19Page - List of Unclassifed Manufacturers RTL8139 Datasheet HTML 20Page - List of Unclassifed Manufacturers RTL8139 Datasheet HTML 21Page - List of Unclassifed Manufacturers RTL8139 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 62 page
background image
RTL8139C(L)
2002/01/10
Rev.1.4
18
memory. This field sets the threshold level according to the following
table:
000 = 16 bytes
001 = 32 bytes
010 = 64 bytes
011 = 128 bytes
100 = 256 bytes
101 = 512 bytes
110 = 1024 bytes
111 = no rx threshold. The RTL8139C(L) begins the transfer of data
after having received a whole packet in the FIFO.
12-11
R/W
RBLEN1, 0
Rx Buffer Length: This field indicates the size of the Rx ring buffer.
00 = 8k + 16 byte
01 = 16k + 16 byte
10 = 32K + 16 byte
11 = 64K + 16 byte
10-8
R/W
MXDMA2, 1, 0
Max DMA Burst Size per Rx DMA Burst: This field sets the
maximum size of the receive DMA data bursts according to the following
table:
000 = 16 bytes
001 = 32 bytes
010 = 64 bytes
011 = 128 bytes
100 = 256 bytes
101 = 512 bytes
110 = 1024 bytes
111 = unlimited
7
R/W
WRAP
0: The RTL8139C(L) will transfer the rest of the packet data into the
beginning of the Rx buffer if this packet has not been completely
moved into the Rx buffer and the transfer has arrived at the end of
the Rx buffer.
1: The RTL8139C(L) will keep moving the rest of the packet data into the
memory immediately after the end of the Rx buffer, if this packet has
not been completely moved into the Rx buffer and the transfer has
arrived at the end of the Rx buffer. The software driver must reserve at
least 1.5K bytes buffer to accept the remainder of the packet. We
assume that the remainder of the packet is X bytes. The next packet will
be moved into the memory from the X byte offset at the top of the Rx
buffer.
This bit is invalid when Rx buffer is selected to 64K bytes.
6
R
9356SEL
EEPROM Select: This bit reflects what type of EEPROM is used.
1: The EEPROM used is 9356.
0: The EEPROM used is 9346.
5
R/W
AER
Accept Error Packets: This bit determines if packets with CRC error,
alignment error and/or collided fragments will be accepted or rejected.
0: Reject error packets
1: Accept error packets
4
R/W
AR
Accept Runt Packets: This bit allows the receiver to accept packets
that are smaller than 64 bytes. The packet must be at least 8 bytes long to
be accepted as a runt.
0: Reject runt packets
1: Accept runt packets
3
R/W
AB
Accept Broadcast Packets: This bit allows the receiver to accept or
reject broadcast packets.
0: Reject broadcast packets
1: Accept broadcast packets



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com