Electronic Components Datasheet Search
  English  ▼

X  

LM4950 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4950
Description  7.5W Mono-BTL or 3.1W Stereo Audio Power Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4950 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4950 Datasheet HTML 1Page - National Semiconductor (TI) LM4950 Datasheet HTML 2Page - National Semiconductor (TI) LM4950 Datasheet HTML 3Page - National Semiconductor (TI) LM4950 Datasheet HTML 4Page - National Semiconductor (TI) LM4950 Datasheet HTML 5Page - National Semiconductor (TI) LM4950 Datasheet HTML 6Page - National Semiconductor (TI) LM4950 Datasheet HTML 7Page - National Semiconductor (TI) LM4950 Datasheet HTML 8Page - National Semiconductor (TI) LM4950 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
LM4950
7.5W Mono-BTL or 3.1W Stereo Audio Power Amplifier
General Description
The LM4950 is a dual audio power amplifier primarily de-
signed for demanding applications in flat panel monitors and
TV’s. It is capable of delivering 3.1 watts per channel to a 4
Ω
single-ended load with less than 1% THD+N or 7.5 watts
mono BTL to an 8
Ω load, with less than 10% THD+N from a
12V
DC power supply.
Boomer audio power amplifiers were designed specifically to
provide high quality output power with a minimal amount of
external components. The LM4950 does not require boot-
strap capacitors or snubber circuits. Therefore, it is ideally
suited for display applications requiring high power and mini-
mal size.
The LM4950 features a low-power consumption active-low
shutdown mode. Additionally, the LM4950 features an inter-
nal thermal shutdown protection mechanism along with short
circuit protection.
The LM4950 contains advanced pop & click circuitry that
eliminates noises which would otherwise occur during
turn-on and turn-off transitions.
The LM4950 is a unity-gain stable and can be configured by
external gain-setting resistors.
Key Specifications
j Quiscent Power Supply Current
16mA (typ)
j POUT (SE)
V
DD = 12V, RL =4
Ω, 1% THD+N
3.1W (typ)
j POUT (BTL)
V
DD = 12V, RL =8
Ω, 10% THD+N
7.5W (typ)
j Shutdown current
40µA (typ)
Features
n
Pop & click circuitry eliminates noise during turn-on and
turn-off transitions
n
Low current, active-low shutdown mode
n
Low quiescent current
n
Stereo 3.1W output, R
L =4
Ω
n
Mono 7.5W BTL output, R
L =8
Ω
n
Short circuit protection
n
Unity-gain stable
n
External gain configuration capability
Applications
n
Flat Panel Monitors
n
Flat panel TV’s
n
Computer Sound Cards
Typical Application
Boomer® is a registered trademark of National Semiconductor Corporation.
20047078
FIGURE 1. Typical Bridge-Tied-Load (BTL) Audio Amplifier Application Circuit
August 2004
© 2004 National Semiconductor Corporation
DS200470
www.national.com


Similar Part No. - LM4950

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4950 TI2-LM4950 Datasheet
2Mb / 32P
LM4950 Boomer ™ Audio Power Amplifier Series 7.5W Mono-BTL or 3.1W Stereo Audio Power Amplifier
REVISED MAY 2013
LM4950TS TI1-LM4950TS Datasheet
3Mb / 30P
LM4950 Boomer ??Audio Power Amplifier Series 7.5W Mono-BTL or 3.1W Stereo Audio Power Amplifier
LM4950TS TI2-LM4950TS Datasheet
2Mb / 32P
LM4950 Boomer ™ Audio Power Amplifier Series 7.5W Mono-BTL or 3.1W Stereo Audio Power Amplifier
REVISED MAY 2013
LM4950TS.A TI2-LM4950TS.A Datasheet
2Mb / 32P
LM4950 Boomer ™ Audio Power Amplifier Series 7.5W Mono-BTL or 3.1W Stereo Audio Power Amplifier
REVISED MAY 2013
LM4950TS/NOPB TI1-LM4950TS/NOPB Datasheet
3Mb / 30P
LM4950 Boomer ??Audio Power Amplifier Series 7.5W Mono-BTL or 3.1W Stereo Audio Power Amplifier
More results

Similar Description - LM4950

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4916 NSC-LM4916 Datasheet
655Kb / 18P
1.5V, Mono 85mW BTL Output, 14mW Stereo Headphone Audio Amplifier
LM4919 NSC-LM4919 Datasheet
568Kb / 15P
1.5V, Mono 85mW BTL Output, 14mW Stereo Headphone Audio Amplifier
logo
Texas Instruments
LM4950TSX-NOPB TI1-LM4950TSX-NOPB Datasheet
3Mb / 30P
LM4950 Boomer ??Audio Power Amplifier Series 7.5W Mono-BTL or 3.1W Stereo Audio Power Amplifier
logo
Monolithic Power System...
MP7770 MPS-MP7770 Datasheet
973Kb / 23P
2 x 45W Stereo Single-Ended or 90W Mono BTL Class-D Audio Amplifier
logo
Texas Instruments
LM4916 TI1-LM4916 Datasheet
1Mb / 24P
1.5V, Mono 85mW BTL Output, 14mW Stereo Headphone Audio Amplifier
logo
List of Unclassifed Man...
NAU82011VG ETC2-NAU82011VG Datasheet
701Kb / 17P
3.1W Mono Filter-Free Class-D Audio Amplifier
logo
Lyontek Inc.
LY8271A LYONTEK-LY8271A_17 Datasheet
666Kb / 19P
16Wx2(BTL) Stereo / 20Wx1(PBTL) Mono Class D Audio Amplifier
logo
Monolithic Power System...
MP7748S MPS-MP7748S Datasheet
1Mb / 23P
2 x 30W Stereo Single Ended Or 60W Mono BTL Class D Audio Amplifier
logo
Anpec Electronics Corop...
APA2071 ANPEC-APA2071_15 Datasheet
393Kb / 24P
Stereo 3.1W Non-inverting Audio Power Amplifier
logo
Nuvoton Technology Corp...
NAU82011VG NUVOTON-NAU82011VG Datasheet
701Kb / 17P
3.1W Mono Filter-Free Class-D Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com