Electronic Components Datasheet Search
  English  ▼

X  

LM4950 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4950
Description  7.5W Mono-BTL or 3.1W Stereo Audio Power Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4950 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LM4950 Datasheet HTML 11Page - National Semiconductor (TI) LM4950 Datasheet HTML 12Page - National Semiconductor (TI) LM4950 Datasheet HTML 13Page - National Semiconductor (TI) LM4950 Datasheet HTML 14Page - National Semiconductor (TI) LM4950 Datasheet HTML 15Page - National Semiconductor (TI) LM4950 Datasheet HTML 16Page - National Semiconductor (TI) LM4950 Datasheet HTML 17Page - National Semiconductor (TI) LM4950 Datasheet HTML 18Page - National Semiconductor (TI) LM4950 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
Application Information
HIGH VOLTAGE BOOMER WITH INCREASED OUTPUT
POWER
Unlike previous 5V Boomer® amplifiers, the LM4950 is de-
signed to operate over a power supply voltages range of
9.6V to 16V. Operating on a 12V power supply, the LM4950
will deliver 7.5W into an 8
Ω BTL load with no more than 10%
THD+N.
BRIDGE CONFIGURATION EXPLANATION
As shown in Figure 3, the LM4950 consists of two opera-
tional amplifiers that drive a speaker connected between
their outputs. The value of external input and feedback re-
sistors determine the gain of each amplifier. Resistors RIN
A
and RF
A set the closed-loop gain of AMPA, whereas two
20k
Ω resistors set AMP
B’s gain to -1. The LM4950 drives a
load, such as a speaker, connected between the two ampli-
fier outputs, VOUT
A
and VOUT
B.
Figure 3 shows that
AMP
A’s output serves as AMPB’s input. This results in both
amplifiers producing signals identical in magnitude, but 180˚
out of phase. Taking advantage of this phase difference, a
load is placed between AMP
A and AMPB and driven differ-
entially (commonly referred to as "bridge mode"). This re-
sults in a differential, or BTL, gain of
A
VD = 2(Rf / Ri)
(1)
Bridge mode amplifiers are different from single-ended am-
plifiers that drive loads connected between a single amplifi-
er’s output and ground. For a given supply voltage, bridge
mode has a distinct advantage over the single-ended con-
figuration: its differential output doubles the voltage swing
across the load. Theoretically, this produces four times the
output power when compared to a single-ended amplifier
under the same conditions. This increase in attainable output
power assumes that the amplifier is not current limited and
that the output signal is not clipped. To ensure minimum
output signal clipping when choosing an amplifier’s closed-
loop gain, refer to the AUDIO POWER AMPLIFIER DESIGN
section.
Another advantage of the differential bridge output is no net
DC voltage across the load. This is accomplished by biasing
AMP1’s and AMP2’s outputs at half-supply. This eliminates
the coupling capacitor that single supply, single-ended am-
plifiers require. Eliminating an output coupling capacitor in a
typical single-ended configuration forces a single-supply am-
plifier’s half-supply bias voltage across the load. This in-
creases internal IC power dissipation and may permanently
damage loads such as speakers.
POWER DISSIPATION
Power dissipation is a major concern when designing a
successful single-ended or bridged amplifier. Equation (2)
states the maximum power dissipation point for a single-
ended amplifier operating at a given supply voltage and
driving a specified output load.
20047078
FIGURE 3. Typical LM4950 BTL Application Circuit
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com