Electronic Components Datasheet Search
  English  ▼

X  

LM4950 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4950
Description  7.5W Mono-BTL or 3.1W Stereo Audio Power Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4950 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LM4950 Datasheet HTML 12Page - National Semiconductor (TI) LM4950 Datasheet HTML 13Page - National Semiconductor (TI) LM4950 Datasheet HTML 14Page - National Semiconductor (TI) LM4950 Datasheet HTML 15Page - National Semiconductor (TI) LM4950 Datasheet HTML 16Page - National Semiconductor (TI) LM4950 Datasheet HTML 17Page - National Semiconductor (TI) LM4950 Datasheet HTML 18Page - National Semiconductor (TI) LM4950 Datasheet HTML 19Page - National Semiconductor (TI) LM4950 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
Application Information (Continued)
P
DMAX-SE =(VDD)
2 / (2
π2R
L):
Single Ended
(2)
The LM4950’s dissipation is twice the value given by Equa-
tion (2) when driving two SE loads. For a 12V supply and two
8
Ω SE loads, the LM4950’s dissipation is 1.82W.
The LM4950’s dissipation when driving a BTL load is given
by Equation (3). For a 12V supply and a single 8
Ω BTL load,
the dissipation is 3.65W.
P
DMAX-MONOBTL = 4(VDD)
2 / 2
π2R
L:
Bridge Mode (3)
The maximum power dissipation point given by Equation (3)
must not exceed the power dissipation given by Equation
(4):
P
DMAX’= (TJMAX -TA) /
θ
JA
(4)
The LM4950’s T
JMAX = 150˚C. In the TS package, the
LM4950’s
θ
JA is 20˚C/W when the metal tab is soldered to a
copper plane of at least 16in
2. This plane can be split be-
tween the top and bottom layers of a two-sided PCB. Con-
nect the two layers together under the tab with a 5x5 array of
vias. For the TA package, use an external heatsink with a
thermal impedance that is less than 20˚C/W. At any given
ambient temperature T
A, use Equation (4) to find the maxi-
mum internal power dissipation supported by the IC packag-
ing. Rearranging Equation (4) and substituting P
DMAX for
P
DMAX’ results in Equation (5). This equation gives the maxi-
mum ambient temperature that still allows maximum stereo
power dissipation without violating the LM4950’s maximum
junction temperature.
T
A =TJMAX -PDMAX-MONOBTL
θ
JA
(5)
For a typical application with a 12V power supply and a BTL
8
Ω load, the maximum ambient temperature that allows
maximum stereo power dissipation without exceeding the
maximum junction temperature is approximately 77˚C for the
TS package.
T
JMAX =PDMAX-MONOBTL
θ
JA +TA
(6)
Equation (6) gives the maximum junction temperature
T
JMAX. If the result violates the LM4950’s 150˚C, reduce the
maximum junction temperature by reducing the power sup-
ply voltage or increasing the load resistance. Further allow-
ance should be made for increased ambient temperatures.
The above examples assume that a device is operating
around the maximum power dissipation point. Since internal
power dissipation is a function of output power, higher am-
bient temperatures are allowed as output power or duty
cycle decreases.
If the result of Equation (3) is greater than that of Equation
(4), then decrease the supply voltage, increase the load
impedance, or reduce the ambient temperature. Further,
ensure that speakers rated at a nominal 4
Ω (SE operation)
or 8
Ω (BTL operation) do not fall below 3Ω or 6Ω, respec-
tively. If these measures are insufficient, a heat sink can be
added to reduce
θ
JA. The heat sink can be created using
additional copper area around the package, with connec-
tions to the ground pins, supply pin and amplifier output pins.
Refer to the Typical Performance Characteristics curves
for power dissipation information at lower output power lev-
els.
POWER SUPPLY VOLTAGE LIMITS
Continuous proper operation is ensured by never exceeding
the voltage applied to any pin, with respect to ground, as
listed in the Absolute Maximum Ratings section.
POWER SUPPLY BYPASSING
As with any power amplifier, proper supply bypassing is
critical for low noise performance and high power supply
rejection. Applications that employ a voltage regulator typi-
cally use a 10µF in parallel with a 0.1µF filter capacitors to
stabilize the regulator’s output, reduce noise on the supply
line, and improve the supply’s transient response. However,
their presence does not eliminate the need for a local 1.0µF
tantalum bypass capacitance connected between the
LM4950’s supply pins and ground. Do not substitute a ce-
ramic capacitor for the tantalum. Doing so may cause oscil-
lation. Keep the length of leads and traces that connect
capacitors between the LM4950’s power supply pin and
ground as short as possible. Connecting a 10µF capacitor,
C
BYPASS, between the BYPASS pin and ground improves
the internal bias voltage’s stability and improves the amplifi-
er’s PSRR. The PSRR improvements increase as the by-
pass pin capacitor value increases. Too large, however,
increases turn-on time and can compromise the amplifier’s
click and pop performance. The selection of bypass capaci-
tor values, especially C
BYPASS, depends on desired PSRR
requirements, click and pop performance (as explained in
the section, SELECTING EXTERNAL COMPONENTS),
system cost, and size constraints.
MICRO-POWER SHUTDOWN
The LM4950 features an active-low micro-power shutdown
mode. When active, the LM4950’s micro-power shutdown
feature turns off the amplifier’s bias circuitry, reducing the
supply current. The low 40µA typical shutdown current is
achieved by applying a voltage to the SHUTDOWN pin that
is as near to GND as possible. A voltage that is greater than
GND may increase the shutdown current.
There are a few methods to control the micro-power shut-
down. These include using a single-pole, single-throw switch
(SPST), a microprocessor, or a microcontroller. When using
a switch, connect a 100k
Ω pull-up resistor between the
SHUTDOWN pin and V
DD and a second 100k
Ω resistor in
parallel with the SPST switch connected between the SHUT-
DOWN pin and GND. The two resistors form a voltage
divider that ensures that the voltage applied to the SHUT-
DOWN pin does not exceed V
DD/2. Select normal amplifier
operation by opening the switch. Closing the switch applies
GND to the SHUTDOWN pin, activating micro-power shut-
down. The switch and resistor guarantee that the SHUT-
DOWN pin will not float. This prevents unwanted state
changes. In a system with a microprocessor or a microcon-
troller, use a digital output to apply the active-state voltage to
the SHUTDOWN pin. Again, ensure that the microcontroller
or microprocessor logic-high signal does not exceed the
LM4950’s V
DD/2 SHUTDOWN signal limit.
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com