Electronic Components Datasheet Search
  English  ▼

X  

LM4950 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4950
Description  7.5W Mono-BTL or 3.1W Stereo Audio Power Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4950 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button LM4950 Datasheet HTML 14Page - National Semiconductor (TI) LM4950 Datasheet HTML 15Page - National Semiconductor (TI) LM4950 Datasheet HTML 16Page - National Semiconductor (TI) LM4950 Datasheet HTML 17Page - National Semiconductor (TI) LM4950 Datasheet HTML 18Page - National Semiconductor (TI) LM4950 Datasheet HTML 19Page - National Semiconductor (TI) LM4950 Datasheet HTML 20Page - National Semiconductor (TI) LM4950 Datasheet HTML 21Page - National Semiconductor (TI) LM4950 Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
Application Information (Continued)
AUDIO POWER AMPLIFIER DESIGN
Audio Amplifier Design: Driving 4W into an 8
Ω BTL
The following are the desired operational parameters:
Power Output
4W
RMS
Load Impedance
8
Ω
Input Level
0.3V
RMS (max)
Input Impedance
20k
Ω
Bandwidth
50Hz–20kHz ± 0.25dB
The design begins by specifying the minimum supply voltage
necessary to obtain the specified output power. One way to
find the minimum supply voltage is to use the Output Power
vs Power Supply Voltage curve in the Typical Performance
Characteristics section. Another way, using Equation (8), is
to calculate the peak output voltage necessary to achieve
the desired output power for a given load impedance. To
account for the amplifier’s dropout voltage, two additional
voltages, based on the Clipping Dropout Voltage vs Power
Supply Voltage in the Typical Performance Characteris-
tics curves, must be added to the result obtained by Equa-
tion (8). The result is Equation (9).
(8)
V
DD =VOUTPEAK +VODTOP +VODBOT
(9)
The Output Power vs. Power Supply Voltage graph for an 8
Ω
load indicates a minimum supply voltage of 10.2V. The com-
monly used 12V supply voltage easily meets this. The addi-
tional voltage creates the benefit of headroom, allowing the
LM4950 to produce peak output power in excess of 4W
without clipping or other audible distortion. The choice of
supply voltage must also not create a situation that violates
of maximum power dissipation as explained above in the
Power Dissipation section. After satisfying the LM4950’s
power dissipation requirements, the minimum differential
gain needed to achieve 4W dissipation in an 8
Ω BTL load is
found using Equation (10).
(10)
Thus, a minimum gain of 18.9 allows the LM4950’s to reach
full output swing and maintain low noise and THD+N perfor-
mance. For this example, let A
V-BTL = 19. The amplifier’s
overall BTL gain is set using the input (RIN
A) and feedback
(R) resistors of the first amplifier in the series BTL configu-
ration. Additionaly, A
V-BTL is twice the gain set by the first
amplifier’s R
IN and Rf. With the desired input impedance set
at 20k
Ω, the feedback resistor is found using Equation (11).
R
f / RIN =AV-BTL / 2(11)
The value of R
f is 190k
Ω (choose 191kΩ, the closest value).
The nominal output power is 4W.
The last step in this design example is setting the amplifier’s
-3dB frequency bandwidth. To achieve the desired ±0.25dB
pass band magnitude variation limit, the low frequency re-
sponse must extend to at least one-fifth the lower bandwidth
limit and the high frequency response must extend to at least
five times the upper bandwidth limit. The gain variation for
both response limits is 0.17dB, well within the ±0.25dB-
desired limit. The results are an
f
L =50Hz/5= 10Hz
(12)
20047079
FIGURE 4. Piezo-electric Transducer Capacitance
≤ 200nF
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com