Electronic Components Datasheet Search
  English  ▼

X  

LM4950 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4950
Description  7.5W Mono-BTL or 3.1W Stereo Audio Power Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4950 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM4950 Datasheet HTML 13Page - National Semiconductor (TI) LM4950 Datasheet HTML 14Page - National Semiconductor (TI) LM4950 Datasheet HTML 15Page - National Semiconductor (TI) LM4950 Datasheet HTML 16Page - National Semiconductor (TI) LM4950 Datasheet HTML 17Page - National Semiconductor (TI) LM4950 Datasheet HTML 18Page - National Semiconductor (TI) LM4950 Datasheet HTML 19Page - National Semiconductor (TI) LM4950 Datasheet HTML 20Page - National Semiconductor (TI) LM4950 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
Application Information (Continued)
SELECTING EXTERNAL COMPONENTS
Input Capacitor Value Selection
Two quantities determine the value of the input coupling
capacitor: the lowest audio frequency that requires amplifi-
cation and desired output transient suppression.
As shown in Figure 3, the input resistor (R
IN) and the input
capacitor (C
IN) produce a high pass filter cutoff frequency
that is found using Equation (7).
f
c = 1/2
πR
iCi
(7)
As an example when using a speaker with a low frequency
limit of 50Hz, C
i, using Equation (7) is 0.159µF. The 0.39µF
C
INA shown in Figure 3 allows the LM4950 to drive high
efficiency, full range speaker whose response extends below
30Hz.
Bypass Capacitor Value
Besides minimizing the input capacitor size, careful consid-
eration should be paid to value of C
BYPASS, the capacitor
connected to the BYPASS pin. Since C
BYPASS determines
how fast the LM4950 settles to quiescent operation, its value
is critical when minimizing turn-on pops. The slower the
LM4950’s outputs ramp to their quiescent DC voltage (nomi-
nally V
DD/2), the smaller the turn-on pop. Choosing CBYPASS
equal to 10µF along with a small value of C
IN (in the range of
0.1µF to 0.39µF), produces a click-less and pop-less shut-
down function. As discussed above, choosing C
IN no larger
than necessary for the desired bandwidth helps minimize
clicks and pops.
OPTIMIZING CLICK AND POP REDUCTION
PERFORMANCE
The LM4950 contains circuitry that eliminates turn-on and
shutdown transients ("clicks and pops"). For this discussion,
turn-on refers to either applying the power supply voltage or
when the micro-power shutdown mode is deactivated.
As the V
DD/2 voltage present at the BYPASS pin ramps to its
final value, the LM4950’s internal amplifiers are configured
as unity gain buffers and are disconnected from the AMP
A
and AMP
B pins. An internal current source charges the ca-
pacitor connected between the BYPASS pin and GND in a
controlled manner. Ideally, the input and outputs track the
voltage applied to the BYPASS pin. The gain of the internal
amplifiers remains unity until the voltage applied to the BY-
PASS pin.
The gain of the internal amplifiers remains unity until the
voltage on the bypass pin reaches V
DD/2. As soon as the
voltage on the bypass pin is stable, the device becomes fully
operational and the amplifier outputs are reconnected to
their respective output pins. Although the BYPASS pin cur-
rent cannot be modified, changing the size of C
BYPASS alters
the device’s turn-on time. Here are some typical turn-on
times for various values of C
BYPASS:
C
B (µF)
T
ON (ms)
1.0
120
2.2
120
4.7
200
10
440
In order eliminate "clicks and pops", all capacitors must be
discharged before turn-on. Rapidly switching V
DD may not
allow the capacitors to fully discharge, which may cause
"clicks and pops".
There is a relationship between the value of C
IN
and
C
BYPASS that ensures minimum output transient when power
is applied or the shutdown mode is deactivated. Best perfor-
mance is achieved by setting the time constant created by
C
IN and Ri +Rf to a value less than the turn-on time for a
given value of C
BYPASS as shown in the table above.
DRIVING PIEZO-ELECTRIC SPEAKER TRANSDUCERS
The LM4950 is able to drive capacitive piezo-electric trans-
ducer loads that are less than equal to 200nF. Stable opera-
tion is assured by placing 33pF capacitors in parallel with the
20k
Ω feedback resistors. The additional capacitors are
shown in Figure 4.
When driving piezo-electric tranducers, sound quality and
accoustic power is entirely dependent upon a transducer’s
frequency response and efficiency. In this application, power
dissipated by the LM4950 is very low, typically less than
250mW when driving a 200nF piezo-electric transduce
(V
DD = 12V).
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com