Electronic Components Datasheet Search
  English  ▼

X  

MAX1102 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1102
Description  8-Bit CODECs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1102 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1102 Datasheet HTML 1Page - Maxim Integrated Products MAX1102 Datasheet HTML 2Page - Maxim Integrated Products MAX1102 Datasheet HTML 3Page - Maxim Integrated Products MAX1102 Datasheet HTML 4Page - Maxim Integrated Products MAX1102 Datasheet HTML 5Page - Maxim Integrated Products MAX1102 Datasheet HTML 6Page - Maxim Integrated Products MAX1102 Datasheet HTML 7Page - Maxim Integrated Products MAX1102 Datasheet HTML 8Page - Maxim Integrated Products MAX1102 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
For price, delivery, and to place orders, please contact Maxim Distribution at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
General Description
The MAX1102/MAX1103/MAX1104 CODECs provide
both an 8-bit analog-to-digital converter (ADC) and an
8-bit digital-to-analog converter (DAC) with a 4-wire
logic interface. The MAX1102/MAX1103 include an
onboard +2V/+4V reference, providing a well-regulat-
ed, low noise reference for both the ADC and DAC.
The MAX1104 offers ratiometric conversion, with the
reference internally connected to VDD.
The MAX1102/MAX1103/MAX1104 are low-cost, low-
power CODECs for use with microcontrollers (µCs).
They allow for greater flexibility when selecting a µC.
Less expensive µCs without onboard converters can be
used while maintaining overall system performance.
The MAX1102 operates from a single +2.7V to +3.6V
supply, the MAX1103 operates from a +4.5V to +5.5V
supply, and the MAX1104 operates from a +2.7V to
+5.5V supply. The MAX1102/MAX1103 incorporate a
VDD monitor in addition to AIN for power supply moni-
toring. All devices feature a low 18µA standby mode,
where both data converters are disabled while the ref-
erence remains active, and three shutdown modes:
ADC disabled, DAC disabled, and complete shutdown
(1µA). A quick 10µs wake-up time allows the
MAX1102/MAX1103/MAX1104 to cycle in and out of
shutdown even during short-duration idle times.
The MAX1102/MAX1103/MAX1104 are available in a
space-saving 8-pin µMAX package.
________________________Applications
Analog I/O for Microcontrollers
Analog System Signal Supervision
Voice Recording and Playback
Features
o 8-Bit ADC
±1LSB INL
Built-In Track-and-Hold
48dB of SINAD
o 8-Bit DAC
±1LSB INL
55dB of SFDR
o Internal Conversion Clock
o Single-Supply Operation
+2.7V to +3.6V (MAX1102)
+4.5V to +5.5V (MAX1103)
+2.7V to +5.5V (MAX1104)
o Low Power Consumption
0.5mA at 25ksps
1µA Shutdown Mode
o 6MHz 4-Wire SPI™, QSPI™, and MICROWIRE™
Compatible Interface
o Compact 8-Pin µMAX Package
o Internal Voltage Reference
+2V: MAX1102
+4V: MAX1103
o Power-Supply Monitor (MAX1102/MAX1103)
o Rail-to-Rail® DAC Output Buffer
8-Bit CODECs
________________________________________________________________ Maxim Integrated Products
1
1
2
3
4
8
7
6
5
DIN
DOUT
SCLK
CS
OUT
AIN
GND
VDD
MAX1102
MAX1103
MAX1104
µMAX
TOP VIEW
Pin Configuration
SCLK
SERIAL
INTERFACE
AND
CONTROL
LOGIC
ADC
DAC
LATCH
T/H
AIN
VDD/2
AOUT
VOLTAGE
REFERENCE
DIN
DOUT
MAX1102
MAX1103
MAX1104
GND
VDD
DAC
CS
Functional Diagram
19-1873; Rev 0; 12/00
Ordering Information
PART
TEMP.
RANGE
PIN-
PACKAGE
REFERENCE
MAX1102EUA
-40
°C to +85°C 8 µMAX
+2V
MAX1103EUA
-40
°C to +85°C 8 µMAX
+4V
MAX1104EUA
-40
°C to +85°C 8 µMAX
VDD
SPI/QSPI are trademarks of Motorola, Inc.
MICROWIRE is a trademark of National Semiconductor Corp.
Rail-to-Rail is a registered trademark of Nippon Motorola Ltd.


Similar Part No. - MAX1102

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1102 MAXIM-MAX1102 Datasheet
521Kb / 17P
8-Bit CODECs
19-1873; Rev 1; 1/11
MAX1102EUA+ MAXIM-MAX1102EUA+ Datasheet
521Kb / 17P
8-Bit CODECs
19-1873; Rev 1; 1/11
MAX1102 MAXIM-MAX1102_V01 Datasheet
521Kb / 17P
8-Bit CODECs
19-1873; Rev 1; 1/11
More results

Similar Description - MAX1102

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KT8554B SAMSUNG-KT8554B Datasheet
152Kb / 10P
1 CHIP CODECS
logo
Winbond
W682510 WINBOND-W682510 Datasheet
1Mb / 35P
DUAL-CHANNEL VOICEBAND CODECS
logo
National Semiconductor ...
TP3020 NSC-TP3020 Datasheet
335Kb / 8P
MONOLITHIC CODECS
logo
Analog Devices
AD1835A AD-AD1835A Datasheet
386Kb / 24P
2 ADC, 8 DAC, 96 kHz, 24-Bit Codecs
REV.0
logo
National Semiconductor ...
TP5156A NSC-TP5156A Datasheet
281Kb / 7P
Monolithic codecs
logo
Winbond
W682510 WINBOND-W682510_05 Datasheet
389Kb / 35P
DUAL-CHANNEL VOICEBAND CODECS
logo
Integrated Device Techn...
92HD66B IDT-92HD66B Datasheet
3Mb / 286P
FOUR CHANNEL HD AUDIO CODECS
logo
Analog Devices
EVAL-AD1835AEB AD-EVAL-AD1835AEB Datasheet
239Kb / 24P
2 ADC, 8 DAC, 96 kHz, 24-Bit Codecs
REV. A
AD1835A AD-AD1835A_15 Datasheet
281Kb / 24P
2 ADC, 8 DAC, 96 kHz, 24-Bit Codecs
REV. A
logo
Maxim Integrated Produc...
MAX1102 MAXIM-MAX1102_V01 Datasheet
521Kb / 17P
8-Bit CODECs
19-1873; Rev 1; 1/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com