Electronic Components Datasheet Search
  English  ▼

X  

MAX1102 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1102
Description  8-Bit CODECs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1102 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1102 Datasheet HTML 2Page - Maxim Integrated Products MAX1102 Datasheet HTML 3Page - Maxim Integrated Products MAX1102 Datasheet HTML 4Page - Maxim Integrated Products MAX1102 Datasheet HTML 5Page - Maxim Integrated Products MAX1102 Datasheet HTML 6Page - Maxim Integrated Products MAX1102 Datasheet HTML 7Page - Maxim Integrated Products MAX1102 Datasheet HTML 8Page - Maxim Integrated Products MAX1102 Datasheet HTML 9Page - Maxim Integrated Products MAX1102 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
8-Bit CODECs
6
_______________________________________________________________________________________
20
15
10
5
0
-40
10
-15
35
60
85
DAC GAIN ERROR vs. TEMPERATURE
TEMPERATURE (
°C)
VDD = +5.0V
VREF = +2.0V
CODE = FFhex
0
200
400
600
800
1000
1200
1400
1600
02468
10
DAC OUTPUT LOW VOLTAGE vs. OUTPUT
SINK CURRENT
OUTPUT SINK CURRENT (mA)
CODE = 0Ahex
VDD = +5.0V
CODE = 00hex
3.55
3.60
3.65
3.70
3.75
3.80
3.85
3.90
3.95
02468
10
DAC OUTPUT HIGH VOLTAGE vs. OUTPUT
SOURCE CURRENT
OUTPUT SOURCE CURRENT (mA)
CODE = F0hex
CODE = FFhex
VDD = +5.0V
VREF = +4.0V
-1.00
-0.75
-0.50
-0.25
0
0.25
0.50
0.75
1.00
0
50
100
150
200
250
ADC INTEGRAL NONLINEARITY vs. CODE
ADC OUTPUT CODE
300
-1.00
-0.75
-0.50
-0.25
0
0.25
0.50
0.75
1.00
0
50
100
150
200
250
ADC DIFFERENTIAL NONLINEARITY
vs. CODE
ADC OUTPUT CODE
300
-1.00
-0.75
-0.50
-0.25
0
0.25
0.50
0.75
1.00
0
50
100
150
200
250
DAC INTEGRAL NONLINEARITY
vs. CODE
DAC OUTPUT CODE
300
-1.00
-0.75
-0.50
-0.25
0
0.25
0.50
0.75
1.00
0
50
100
150
200
250
DAC DIFFERENTIAL NONLINEARITY
vs. CODE
DAC OUTPUT CODE
300
SCLK
WORST-CASE 1LSB DIGITAL STEP CHANGE
(POSITIVE)
MAX1102 toc17
1
µs/div
OUT
3V
0
20mV/div
SCLK
WORST-CASE 1LSB DIGITAL STEP CHANGE
(NEGATIVE)
MAX1102 toc18
1
µs/div
OUT
3V
0
20mV/div
Typical Operating Characteristics (continued)
(VDD = +3.0V (MAX1102), VDD = +5V (MAX1103), fSCLK = 6.0MHz (50% duty cycle), ROUT = 10k
Ω, COUT = 100pF, TA = +25°C,
unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com