Electronic Components Datasheet Search
  English  ▼

X  

MAX1102 Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX1102
Description  8-Bit CODECs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1102 Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX1102 Datasheet HTML 8Page - Maxim Integrated Products MAX1102 Datasheet HTML 9Page - Maxim Integrated Products MAX1102 Datasheet HTML 10Page - Maxim Integrated Products MAX1102 Datasheet HTML 11Page - Maxim Integrated Products MAX1102 Datasheet HTML 12Page - Maxim Integrated Products MAX1102 Datasheet HTML 13Page - Maxim Integrated Products MAX1102 Datasheet HTML 14Page - Maxim Integrated Products MAX1102 Datasheet HTML 15Page - Maxim Integrated Products MAX1102 Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Data can be written to the DAC while it is in shutdown.
A control word with A1 = 1 and E0 = 0 disables the
DAC while allowing data to be written to the DAC. The
eight bits following this control word are shifted into the
DAC register. Conversion takes place once the DAC is
enabled.
Two control words are necessary to enable the ADC.
The first control word brings the ADC out of shutdown,
and sets the T/H in acquisition mode. The second con-
trol word initiates the conversion.
Bit 2 (E2) controls the reference. A logic “1” enables
the reference, a logic “0” disables the reference, further
reducing power consumption.
Power Supply Bypassing and Layout
For best performance, use printed circuit boards. Wire-
wrap boards are not recommended. Board layout
should ensure that digital and analog signal lines are
separated from each other. Do not run analog and digi-
tal (especially clock) lines parallel to one another or run
digital lines underneath the device.
Figure 10 shows the recommended system-ground
connections. A single-point analog ground (star-ground
point) should be established at the device ground.
Connect all analog grounds to the star ground. No digi-
tal-system ground should be connected to this point.
The ground return to the power supply for the star
ground should be connected to this point. The ground
return to the power supply for the star ground should
be low impedance and as short as possible for noise-
free operation. High-frequency noise in the VDD power
supply may affect device performance. Bypass the
supply to the star ground with 0.1µF and 1µF capaci-
tors close to the device. Minimize capacitor lead
lengths for best supply-noise rejection. If the power
supply is very noisy, connect a 10
Ω resistor in series
with VDD to form a lowpass filter.
Chip Information
TRANSISTOR COUNT: 3226
PROCESS: BiCMOS
8-Bit CODECs
______________________________________________________________________________________
15
GND
+3V/+5V
SYSTEM POWER SUPPLIES
VDD
DGND
VDD
1
µF
10
Ω
0.1
µF
GND
DIGITAL
CIRCUITRY
MAX1102
MAX1103
MAX1104
Figure 10. Power-Supply Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com