Electronic Components Datasheet Search
  English  ▼

X  

PCM1794 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1794
Description  24BIT 192KHZ SAMPLING , ADVANCED SEGMENT, AUDIO STEREO DIGITAL TO ANALOG CONVERTER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1794 Datasheet(HTML) 6 Page - Texas Instruments

Back Button PCM1794 Datasheet HTML 2Page - Texas Instruments PCM1794 Datasheet HTML 3Page - Texas Instruments PCM1794 Datasheet HTML 4Page - Texas Instruments PCM1794 Datasheet HTML 5Page - Texas Instruments PCM1794 Datasheet HTML 6Page - Texas Instruments PCM1794 Datasheet HTML 7Page - Texas Instruments PCM1794 Datasheet HTML 8Page - Texas Instruments PCM1794 Datasheet HTML 9Page - Texas Instruments PCM1794 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
PCM1794
SLES080B – MAY 2003 – REVISED NOVEMBER 2003
www.ti.com
6
Terminal Functions
TERMINAL
I/O
DESCRIPTIONS
NAME
PIN
I/O
DESCRIPTIONS
AGND1
19
–
Analog ground (internal bias)
AGND2
24
–
Analog ground (internal bias)
AGND3L
27
–
Analog ground (L-channel DACFF)
AGND3R
16
–
Analog ground (R-channel DACFF)
BCK
6
I
Bit clock input (1)
CHSL
2
I
L-, R-channel select (1)
DATA
5
I
Serial audio data input (1)
DEM
3
I
De-emphasis enable (1)
DGND
8
–
Digital ground
FMT0
11
I
Audio data format select (1)
FMT1
12
I
Audio data format select (1)
IOUTL+
25
O
L-channel analog current output +
IOUTL–
26
O
L-channel analog current output –
IOUTR+
17
O
R-channel analog current output +
IOUTR–
18
O
R-channel analog current output –
IREF
20
–
Output current reference bias pin
LRCK
4
I
Left and right clock (fS) input (1)
MONO
1
I
Monaural mode enable (1)
MUTE
10
I
Mute control (1)
RST
14
I
Reset(1)
SCK
7
I
System clock input(1)
VCC1
23
–
Analog power supply, 5 V
VCC2L
28
–
Analog power supply (L-channel DACFF), 5 V
VCC2R
15
–
Analog power supply (R-cahnnel DACFF), 5 V
VCOML
22
–
L-channel internal bias decoupling pin
VCOMR
21
–
R-channel internal bias decoupling pin
VDD
9
–
Digital power supply, 3.3 V
ZERO
13
O
Zero flag
(1) Schmitt-trigger input, 5-V tolerant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com