Electronic Components Datasheet Search
  English  ▼

X  

PCM1794 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1794
Description  24BIT 192KHZ SAMPLING , ADVANCED SEGMENT, AUDIO STEREO DIGITAL TO ANALOG CONVERTER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1794 Datasheet(HTML) 18 Page - Texas Instruments

Back Button PCM1794 Datasheet HTML 14Page - Texas Instruments PCM1794 Datasheet HTML 15Page - Texas Instruments PCM1794 Datasheet HTML 16Page - Texas Instruments PCM1794 Datasheet HTML 17Page - Texas Instruments PCM1794 Datasheet HTML 18Page - Texas Instruments PCM1794 Datasheet HTML 19Page - Texas Instruments PCM1794 Datasheet HTML 20Page - Texas Instruments PCM1794 Datasheet HTML 21Page - Texas Instruments PCM1794 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
PCM1794
SLES080B – MAY 2003 – REVISED NOVEMBER 2003
www.ti.com
18
TYPICAL CONNECTION DIAGRAM
DATA
24
23
22
21
20
19
18
17
16
15
5
6
7
8
9
10
11
12
13
14
PCM1794
BCK
SCK
DGND
VDD
MUTE
FMT0
FMT1
ZERO
RST
AGND2
IOUTR–
VCC1
VCOML
VCOMR
IREF
IOUTR+
AGND3R
AGND1
–
+
MONO
1
2
3
4
CHSL
DEM
LRCK
28
27
26
25
VCC2L
AGND3L
IOUTL–
IOUTL+
Controller
VOUT
L-Channel
5 V
VCC2R
0.1
µF
Controller
10
µF
3.3 V
PCM
Audio Data
Source
0.1
µF
10
µF
Cf
Rf
Differential
to
Single
Converter
With
Low-Pass
Filter
+
+
47
µF
47
µF
5 V
10
µF
10 k
Ω
–
+
Cf
Rf
–
+
VOUT
R-Channel
Cf
Rf
Differential
to
Single
Converter
With
Low-Pass
Filter
–
+
Cf
Rf
0.1
µF
10
µF
5 V
+
+
+
+
Figure 23. Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com