| Electronic Components Datasheet Search |
|
PCM1794 Datasheet(PDF) 23 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
PCM1794 Datasheet(HTML) 23 Page - Texas Instruments |
|
23 / 27 page ![]() PCM1794 SLES080B – MAY 2003 – REVISED NOVEMBER 2003 www.ti.com 23 Application for Interfacing With an External Digital Filter For some applications, it may be desirable to use a programmable digital signal processor as an external digital filter to perform the interpolation function. The following pin settings enable the external digital filter application mode. D MONO (pin 1) = LOW D CHSL (Pin 2) = HIGH D FMT0 (Pin 11) = HIGH D FMT1 (pin 12) = HIGH The pins used to provide the serial interface for the external digital filter are shown in the connection diagram of Figure 27. The word clock (WDCK) must be operated at 8 × or 4× the desired sampling frequency, fS. System Clock (SCK) and Interface Timing The PCM1794 in an application using an external digital filter requires the synchronization of WDCK and the system clock. The system clock is phase-free with respect to WDCK. Interface timing among WDCK, BCK, and DATA is shown in Figure 29. Audio Format The PCM1794 in the external digital filter interface mode supports right-justified audio formats including 24-bit audio data, as shown in Figure 28. BCK 1/4 fS or 1/8 fS WDCK Audio Data Word = 24-Bit MSB LSB 16 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 24 23 20 17 18 19 24 21 22 23 DATA Figure 28. Audio Data Input Format for External Digital Filter (Internal DF Bypass Mode) Application |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |