Electronic Components Datasheet Search
  English  ▼

X  

PCM1794 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1794
Description  24BIT 192KHZ SAMPLING , ADVANCED SEGMENT, AUDIO STEREO DIGITAL TO ANALOG CONVERTER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1794 Datasheet(HTML) 10 Page - Texas Instruments

Back Button PCM1794 Datasheet HTML 6Page - Texas Instruments PCM1794 Datasheet HTML 7Page - Texas Instruments PCM1794 Datasheet HTML 8Page - Texas Instruments PCM1794 Datasheet HTML 9Page - Texas Instruments PCM1794 Datasheet HTML 10Page - Texas Instruments PCM1794 Datasheet HTML 11Page - Texas Instruments PCM1794 Datasheet HTML 12Page - Texas Instruments PCM1794 Datasheet HTML 13Page - Texas Instruments PCM1794 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
PCM1794
SLES080B – MAY 2003 – REVISED NOVEMBER 2003
www.ti.com
10
ANALOG DYNAMIC PERFORMANCE
Supply Voltage Characteristics
Figure 7
4.50
4.75
5.00
5.25
5.50
VCC – Supply Voltage – V
TOTAL HARMONIC DISTORTION + NOISE
vs
SUPPLY VOLTAGE
0.01
0.001
0.0001
fS = 192 kHz
fS = 96 kHz
fS = 48 kHz
Figure 8
VCC – Supply Voltage – V
122
124
126
128
130
132
4.50
4.75
5.00
5.25
5.50
DYNAMIC RANGE
vs
SUPPLY VOLTAGE
fS = 96 kHz
fS = 48 kHz
fS = 192 kHz
Figure 9
VCC – Supply Voltage – V
122
124
126
128
130
132
4.50
4.75
5.00
5.25
5.50
SIGNAL-to-NOISE RATIO
vs
SUPPLY VOLTAGE
fS = 96 kHz
fS = 192 kHz
fS = 48 kHz
Figure 10
VCC – Supply Voltage – V
120
122
124
126
128
130
4.50
4.75
5.00
5.25
5.50
CHANNEL SEPARATION
vs
SUPPLY VOLTAGE
fS = 96 kHz
fS = 192 kHz
fS = 48 kHz
NOTE: TA = 25°C, VDD = 3.3 V, measurement circuit is Figure 25 (VOUT = 4.5 V rms).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com