Electronic Components Datasheet Search
  English  ▼

X  

INA300 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # INA300
Description  Overcurrent-Protection, Current-Sense Comparator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA300 Datasheet(HTML) 21 Page - Texas Instruments

Back Button INA300 Datasheet HTML 17Page - Texas Instruments INA300 Datasheet HTML 18Page - Texas Instruments INA300 Datasheet HTML 19Page - Texas Instruments INA300 Datasheet HTML 20Page - Texas Instruments INA300 Datasheet HTML 21Page - Texas Instruments INA300 Datasheet HTML 22Page - Texas Instruments INA300 Datasheet HTML 23Page - Texas Instruments INA300 Datasheet HTML 24Page - Texas Instruments INA300 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
CBYPASS
0.1 µF
+2.7 V to 5.5 V
Power Supply
(0 V to 36 V)
Load
RLIMIT
RPull-up
10 k
VS
IN+
IN
+
-
CMP
LIMIT
LATCH
DELAY
ALERT
INA300
GND
ENABLE
HYS
RPROTECT
”100
±20
±15
±10
±5
0
5
10
15
20
25
30
0
50
100
150
200
250
Differential Input Voltage (mV)
C027
IB+
IB-
21
INA300
www.ti.com
SBOS613B – FEBRUARY 2014 – REVISED APRIL 2016
Product Folder Links: INA300
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Figure 31. Input Bias Current vs Differential Input Voltage
For example, with a differential voltage of 10 mV developed across a current-sensing resistor and using 100-
Ω
resistors, the differential signal that actually reaches the device is 9.8 mV. A measurement error of 2% is created
as a result of these external input filter resistors. Using 10-
Ω input filter resistors instead of the 100-Ω resistors
reduces this added error from 2% down to 0.2%.
7.4.4 Using the INA300 With Common-Mode Transients Above 36 V
With a small amount of additional circuitry, the device can be used in circuits subject to transients higher than
36 V. Use only zener diodes or zener-type transient absorbers (sometimes referred to as Transzorbs). Any other
type of transient absorber has an unacceptable time delay. Start by adding a pair of resistors, as shown in
Figure 32, as a working impedance for the zener diode. Keeping these resistors as small as possible is best,
preferably 100
Ω or less. Larger values can be used with an additional error induced resulting from a reduced
signal that actually reaches the device input terminals. Because this circuit limits only short-term transients, many
applications are satisfied with a 100-
Ω resistor along with conventional zener diodes of the lowest power rating
available. This combination uses the least amount of board space. These diodes can be found in packages as
small as SOT-523 or SOD-523.
Figure 32. Transient Protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com