Electronic Components Datasheet Search
  English  ▼

X  

INA300 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # INA300
Description  Overcurrent-Protection, Current-Sense Comparator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA300 Datasheet(HTML) 14 Page - Texas Instruments

Back Button INA300 Datasheet HTML 10Page - Texas Instruments INA300 Datasheet HTML 11Page - Texas Instruments INA300 Datasheet HTML 12Page - Texas Instruments INA300 Datasheet HTML 13Page - Texas Instruments INA300 Datasheet HTML 14Page - Texas Instruments INA300 Datasheet HTML 15Page - Texas Instruments INA300 Datasheet HTML 16Page - Texas Instruments INA300 Datasheet HTML 17Page - Texas Instruments INA300 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 41 page
background image
VIN
(VIN+ - VIN-)
VLIMIT
0V
Transparent Mode
ALERT
(Delay = 10 µs)
ALERT
(Delay = 50 µs)
10 µs
No Alert
50 µs
50 µs
No Alert
50 µs
10 µs
10 µs
10 µs
10 µs
10 µs
10 µs
14
INA300
SBOS613B – FEBRUARY 2014 – REVISED APRIL 2016
www.ti.com
Product Folder Links: INA300
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Requiring multiple consecutive overcurrent detections aides significantly in reducing the likelihood of system
noise causing false alerts, which can be extremely detrimental to critical system operations. However, by
enabling an alert window equal to the comparison window of 10 µs, the device still has the flexibility to be used in
fast overcurrent detection applications that require quick responses to rapidly changing system operating
characteristics.
In Figure 22, the device alert output response is shown for both a 10-µs delay setting and a 50-µs delay setting
based on the same input signal condition. The initial increase of the input signal, VIN, above the VLIMIT level
remains above the limit for approximately 30 µs. With the device set to the 10-µs delay setting, the overcurrent
condition is detected and the alert output terminal is pulled low approximately 10 µs later. With the device set to
the 50-µs delay setting, an alert is not issued because five consecutive 10-µs overcurrent measurements are not
detected. With the input signal only being over the limit for 30 µs rather than the corresponding 50 µs needed for
this delay setting, the device does not issue an alert under this condition. For the second instance where VIN
rises above the VLIMIT threshold, the input remains above the limit for more than five consecutive 10-µs
measurements, indicating an overcurrent condition and the alert output terminal is pulled low.
Figure 22. DELAY Terminal Settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com