Electronic Components Datasheet Search
  English  ▼

X  

INA300 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # INA300
Description  Overcurrent-Protection, Current-Sense Comparator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA300 Datasheet(HTML) 17 Page - Texas Instruments

Back Button INA300 Datasheet HTML 13Page - Texas Instruments INA300 Datasheet HTML 14Page - Texas Instruments INA300 Datasheet HTML 15Page - Texas Instruments INA300 Datasheet HTML 16Page - Texas Instruments INA300 Datasheet HTML 17Page - Texas Instruments INA300 Datasheet HTML 18Page - Texas Instruments INA300 Datasheet HTML 19Page - Texas Instruments INA300 Datasheet HTML 20Page - Texas Instruments INA300 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
VLIMIT
VLIMIT - Hysteresis
Alert
Output
VOUT
VIN
17
INA300
www.ti.com
SBOS613B – FEBRUARY 2014 – REVISED APRIL 2016
Product Folder Links: INA300
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
The very wide dynamic input range of the INA300 necessitates an adjustable hysteresis to ensure that the device
can be more appropriately configured based on the specific operating conditions and requirements of the
application. Figure 28 illustrates the transition locations for the ALERT terminal based on where the input signal,
VIN, is measured relative the limit threshold, VLIMIT. The corresponding hysteresis levels and physical terminal
settings for the device are shown in Table 5.
Figure 28. Typical Comparator Hysteresis
Table 5. Hysteresis Settings
HYSTERESIS
HYSTERESIS SETTING
Float
2 mV
GND
4 mV
VS
8 mV
7.3.6 Alert Output
The device ALERT terminal is an active-low, open-drain output. This output is designed to be pulled low when
the input conditions are detected to be out-of-range. This open-drain output pin is recommended to include a
10-k
Ω, pull-up resistor to the supply voltage. This open-drain terminal can be pulled up to a voltage beyond the
supply voltage, VS, but should not exceed 5.5 V.
7.3.7 Noise Adjustment Factor (NAF)
The device is a high-speed, low-noise comparator that is designed to alert when the measured input signal
exceeds the programmed limit level. Internal noise in the device couples into the measurement and can result in
alerts being issued prior to the input signal exceeding the voltage level present at the LIMIT terminal. This known
internal noise component effects the input signal measurement by causing a consistent shift in the device internal
offset, resulting in a shifted trip threshold for the device. NAF serves to adjust the VLIMIT setting to account for this
internal shift, thus allowing for a more precise level detection of the measured current.
The NAF value is based on the noise contribution on the measurement at the 10-µs delay setting. This value is
equal to 500 µV and is applied in the calculation to adjust the VLIMIT threshold level to allow for a more accurate
alert trip point. The NAF term is only applied in the VLIMIT calculation at the 10-µs delay setting. The averaging
effect included with the 50-µs and 100-µs delay settings inherently eliminates the effect internal noise has on the
threshold voltage. The NAF term can be omitted from the RLIMIT calculation at the 10-µs delay setting with the
effect of a lower trigger point of the alert output. Lowering the trigger point results in the device issuing an
overcurrent alert prior to reaching the corresponding VTRIP threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com