Electronic Components Datasheet Search
  English  ▼

X  

INA300 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # INA300
Description  Overcurrent-Protection, Current-Sense Comparator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA300 Datasheet(HTML) 5 Page - Texas Instruments

  INA300 Datasheet HTML 1Page - Texas Instruments INA300 Datasheet HTML 2Page - Texas Instruments INA300 Datasheet HTML 3Page - Texas Instruments INA300 Datasheet HTML 4Page - Texas Instruments INA300 Datasheet HTML 5Page - Texas Instruments INA300 Datasheet HTML 6Page - Texas Instruments INA300 Datasheet HTML 7Page - Texas Instruments INA300 Datasheet HTML 8Page - Texas Instruments INA300 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
5
INA300
www.ti.com
SBOS613B – FEBRUARY 2014 – REVISED APRIL 2016
Product Folder Links: INA300
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
(1)
RTI = referred-to-input.
(2)
Absolute-maximum values are tested with the threshold limit set using the corresponding noise adjustment factor (NAF) value. See the
Noise Adjustment Factor (NAF) section for additional information on applying the NAF value.
6.5
Electrical Characteristics
at TA = 25°C, VSENSE = VIN+ – VIN– = 0 mV, VS = 3.3 V, VIN+ = 12 V, VLIMIT = 10 mV, and DELAY = 100 µs (unless otherwise
noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
INPUT
VCM
Common-mode input voltage
0
36
V
VIN
Differential input voltage
VIN = VIN+ – VIN–
0
250
mV
CMR
Common-mode rejection
VIN+ = 0 V to 36 V,
TA= –40ºC to +125ºC
100
120
dB
VOS
Offset voltage, RTI(1)
VS = 3.3 V, DELAY = 100 μs
–75
–500
μV
VS = +3.3 V, DELAY = 50 μs
–125
–500
VS = +3.3 V, DELAY = 10 μs
(2)
–350
–650
dVOS/dT
Offset voltage drift, RTI(1)
TA= –40ºC to +125ºC
0.1
0.5
μV/°C
PSR
Power-supply rejection ratio
VS = 2.7 V to 5.5 V, VIN+ = 12 V,
TA= –40ºC to +125ºC
75
150
μV/V
IB
Input bias current
5
10
μA
Disable mode
0.05
0.5
IOS
Input offset current
±0.1
μA
ILIMIT
Limit threshold output current
TA= 25ºC
19.9
20
20.1
μA
TA= –40ºC to +125ºC
19.85
20.15
DIGITAL INPUT/OUTPUT
tp
Alert propagation delay
Delay = open, overdrive = 1 mV
10
μs
Delay = GND, overdrive = 1 mV
50
Delay = VS, overdrive = 1 mV
100
HYS
Hysteresis
HYS = open
2
mV
HYS = GND
4
HYS = VS
8
VIH
High-level input voltage
Latch, enable
1.4
6
V
Delay, hysteresis
VS – 0.5
6
VIL
Low-level input voltage
Latch, enable
0
0.4
V
Delay, hysteresis
0
0.5
VOL
Alert low-level output voltage
IOL = 3 mA
50
400
mV
ALERT terminal leakage input current
VOH = 3.3 V
0.1
1
μA
Digital leakage input current
0
≤ VIN ≤ VS
1
2
μA
POWER SUPPLY
IQ
Quiescent current
VSENSE = 0 mV, TA = 25ºC
115
135
μA
TA = –40ºC to +125ºC
150
VSENSE = 0 mV, disable mode,
HYS = 2 mV
2
3.5
6.6 Timing Requirements
MIN
TYP
MAX
UNIT
Start-up time
1
ms
ten
Enable time
300
µs
tdis
Disable time
20
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com