Electronic Components Datasheet Search
  English  ▼

X  

ISO7310CD Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7310CD
Description  Robust EMC, Low Power, Single Channel Digital Isolator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7310CD Datasheet(HTML) 5 Page - Texas Instruments

  ISO7310CD Datasheet HTML 1Page - Texas Instruments ISO7310CD Datasheet HTML 2Page - Texas Instruments ISO7310CD Datasheet HTML 3Page - Texas Instruments ISO7310CD Datasheet HTML 4Page - Texas Instruments ISO7310CD Datasheet HTML 5Page - Texas Instruments ISO7310CD Datasheet HTML 6Page - Texas Instruments ISO7310CD Datasheet HTML 7Page - Texas Instruments ISO7310CD Datasheet HTML 8Page - Texas Instruments ISO7310CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
ISO7310C, ISO7310FC
www.ti.com
SLLSEI8D – JUNE 2014 – REVISED APRIL 2015
6 Specifications
6.1 Absolute Maximum Ratings
(1)
MIN
MAX
UNIT
Supply voltage(2)
VCC1 , VCC2
–0.5
6
V
Voltage (2)
IN, OUT
–0.5
VCC+0.5
(3)
V
Output current
IO
±15
mA
Junction temperature
TJ
150
°C
Storage temperature
Tstg
–65
150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal and are peak voltage values.
(3)
Maximum voltage must not exceed 6 V.
6.2 ESD Ratings
MAX
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±4000
Electrostatic
VESD
V
discharge
Charged device model (CDM), per JEDEC specification JESD22-C101(2)
±1500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
MIN
TYP
MAX
UNIT
VCC1, VCC2
Supply voltage
3
5.5
V
IOH
High-level output current
–4
mA
IOL
Low-level output current
4
mA
VIH
High-level input voltage
2
5.5
V
VIL
Low-level input voltage
0
0.8
V
tui
Input pulse duration
40
ns
1 / tui
Signaling rate
0
25
Mbps
TJ
(1)
Junction temperature
136
°C
TA
Ambient temperature
-40
25
125
°C
(1)
To maintain the recommended operating conditions for TJ, see the Thermal Information table.
6.4 Thermal Information
D PACKAGE
THERMAL METRIC(1)
UNIT
(8) PINS
RθJA
Junction-to-ambient thermal resistance
119.9
RθJCtop
Junction-to-case (top) thermal resistance
65.2
RθJB
Junction-to-board thermal resistance
61.3
°C/W
ψJT
Junction-to-top characterization parameter
19.3
ψJB
Junction-to-board characterization parameter
60.7
RθJCbot
Junction-to-case (bottom) thermal resistance
N/A
PD
Maximum power dissipation
34
VCC1 = VCC2 = 5.5 V, TJ = 150°C, CL = 15 pF,
PD1
Power dissipation by Side-1
7.9
mW
Input a 12.5 MHz 50% duty-cycle square wave
PD2
Power dissipation by Side-2
26.1
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ISO7310C ISO7310FC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com