Electronic Components Datasheet Search
  English  ▼

X  

ISO7310CD Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7310CD
Description  Robust EMC, Low Power, Single Channel Digital Isolator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7310CD Datasheet(HTML) 16 Page - Texas Instruments

Back Button ISO7310CD Datasheet HTML 12Page - Texas Instruments ISO7310CD Datasheet HTML 13Page - Texas Instruments ISO7310CD Datasheet HTML 14Page - Texas Instruments ISO7310CD Datasheet HTML 15Page - Texas Instruments ISO7310CD Datasheet HTML 16Page - Texas Instruments ISO7310CD Datasheet HTML 17Page - Texas Instruments ISO7310CD Datasheet HTML 18Page - Texas Instruments ISO7310CD Datasheet HTML 19Page - Texas Instruments ISO7310CD Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
0.1F
VS
10F
MBR0520L
MBR0520L
1:2.2
10 F
3
1
D2
SN6501
D1
5
2
GND
GND
4
3.3V
IN
EN
GND
OUT
1
5
2
3
TPS76350
10F
ISO 5V
VCC
S
GND
Vref
CANH
CANL
7
6
4
CAN0Rx
VDD
CAN0Tx
OSC0
OSC1
LDO
STELLARIS
LM3S5Y36
RXD
TXD
1,3
2
1,3
0.1F
0.1F
SN65HVD1050
ISO-BARRIER
4.7nF/
2kV
SM712
10 (opt)
10 (opt)
Vcc
GNDA
GND
WAKE
VDDA
VDDC
VBAT
(See Note 1)
0.1F
0.1F
(See Note 1)
18pF
18pF
6MHz
RST
25
26
37
3
12(1)
40
32
4
10(1)
7
31
30
9(1)
VCC1
VCC2
GND1
GND2
VCC1
IN
OUT
IN
OUT
GND2
VCC2
GND1
ISO7310
ISO7310
5,7
6
4
2
0.1F
0.1F
8
5,7
8
6
1
3
4
2
0.1F
8
5
ISO7310C, ISO7310FC
SLLSEI8D – JUNE 2014 – REVISED APRIL 2015
www.ti.com
9 Applications and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
ISO7310x use single-ended TTL-logic switching technology. The supply voltage range is from 3 V to 5.5 V for
both supplies, VCC1 and VCC2. When designing with digital isolators, it is important to keep in mind that due to the
single-ended design structure, digital isolators do not conform to any specific interface standard and are only
intended for isolating single-ended CMOS or TTL digital signal lines. The isolator is typically placed between the
data controller (i.e.
μC or UART), and a data converter or a line transceiver, regardless of the interface type or
standard.
9.2 Typical Application
ISO7310 can be used with Texas Instruments’ microcontroller, CAN transceiver, transformer driver, and low-
dropout voltage regulator to create an Isolated CAN Interface as shown in Figure 15.
(1)
Multiple pins and capacitors omitted for clarity purpose.
Figure 15. Isolated CAN Interface
16
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: ISO7310C ISO7310FC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com