Electronic Components Datasheet Search
  English  ▼

X  

ISO7310CD Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7310CD
Description  Robust EMC, Low Power, Single Channel Digital Isolator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7310CD Datasheet(HTML) 12 Page - Texas Instruments

Back Button ISO7310CD Datasheet HTML 8Page - Texas Instruments ISO7310CD Datasheet HTML 9Page - Texas Instruments ISO7310CD Datasheet HTML 10Page - Texas Instruments ISO7310CD Datasheet HTML 11Page - Texas Instruments ISO7310CD Datasheet HTML 12Page - Texas Instruments ISO7310CD Datasheet HTML 13Page - Texas Instruments ISO7310CD Datasheet HTML 14Page - Texas Instruments ISO7310CD Datasheet HTML 15Page - Texas Instruments ISO7310CD Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
ISO7310C, ISO7310FC
SLLSEI8D – JUNE 2014 – REVISED APRIL 2015
www.ti.com
8.3 Feature Description
PRODUCT
RATED ISOLATION
MAX DATA RATE
DEFAULT OUTPUT
ISO7310C
High
3000 VRMS / 4242 VPK
(1)
25 Mbps
ISO7310FC
Low
(1)
See the Regulatory Information section for detailed Isolation Ratings
8.3.1 High Voltage Feature Description
8.3.1.1 Insulation and Safety-Related Specifications for D-8 Package
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
L(I01)
Minimum air gap (clearance)
Shortest terminal-to-terminal distance through air
4
mm
Minimum external tracking
Shortest terminal-to-terminal distance across the
L(I02)
4
mm
(creepage)
package surface
Tracking resistance (comparative
CTI
DIN EN 60112 (VDE 0303-11); IEC 60112
400
V
tracking index)
Minimum internal gap (internal
DTI
Distance through the insulation
13
µm
clearance)
VIO = 500 V, TA = 25°C
>1012
Ω
Isolation resistance, input to
RIO
output(1)
VIO = 500 V, 100°C ≤ TA ≤ 125°C
>1011
Ω
Isolation capacitance, input to
CIO
VIO = 0.4 sin (2πft), f = 1 MHz
0.5
pF
output(1)
CI
Input capacitance(2)
VI = VCC/2 + 0.4 sin (2πft), f = 1 MHz, VCC = 5 V
1.6
pF
(1)
All pins on each side of the barrier tied together creating a two-terminal device.
(2)
Measured from input pin to ground.
NOTE
Creepage and clearance requirements should be applied according to the specific
equipment isolation standards of an application. Care should be taken to maintain the
creepage and clearance distance of a board design to ensure that the mounting pads of
the isolator on the printed-circuit board do not reduce this distance.
Creepage and clearance on a printed-circuit board become equal in certain cases.
Techniques such as inserting grooves and/or ribs on a printed circuit board are used to
help increase these specifications.
12
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: ISO7310C ISO7310FC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com