Electronic Components Datasheet Search
  English  ▼

X  

ISO7310CD Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7310CD
Description  Robust EMC, Low Power, Single Channel Digital Isolator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7310CD Datasheet(HTML) 1 Page - Texas Instruments

  ISO7310CD Datasheet HTML 1Page - Texas Instruments ISO7310CD Datasheet HTML 2Page - Texas Instruments ISO7310CD Datasheet HTML 3Page - Texas Instruments ISO7310CD Datasheet HTML 4Page - Texas Instruments ISO7310CD Datasheet HTML 5Page - Texas Instruments ISO7310CD Datasheet HTML 6Page - Texas Instruments ISO7310CD Datasheet HTML 7Page - Texas Instruments ISO7310CD Datasheet HTML 8Page - Texas Instruments ISO7310CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
OUT
GND2
GND1
IN
VCC2
VCC1
Isolation
Capacitor
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
ISO7310C, ISO7310FC
SLLSEI8D – JUNE 2014 – REVISED APRIL 2015
ISO7310x Robust EMC, Low Power, Single Channel Digital Isolator
1 Features
3 Description
ISO7310x provide galvanic isolation up to 3000 VRMS
1
•
Signaling Rate: 25 Mbps
for 1 minute per UL and 4242 VPK per VDE. These
•
Integrated Noise Filter at the Input
devices have one isolated channel comprised of a
•
Default Output 'High' and 'Low' Options
logic input and output buffer separated by a silicon
dioxide (SiO2) insulation barrier. Used in conjunction
•
Low Power Consumption: Typical ICC
with isolated power supplies, ISO7310x prevent noise
–
1.9 mA at 1 Mbps, 3.8 mA at 25 Mbps (5V
currents on a data bus or other circuit from entering
Supplies)
the local ground and interfering with or damaging
–
1.4 mA at 1 Mbps, 2.6 mA at 25 Mbps (3.3V
sensitive circuitry. These devices have integrated
Supplies)
noise filters for harsh industrial environment where
short noise pulses may be present at the device input
•
Low Propagation Delay: 32 ns Typical (5V
pins. ISO7310x have TTL input thresholds and
Supplies)
operate from 3 V to 5.5 V supply levels. Through
•
3.3 V and 5 V Level Translation
innovative
chip
design
and
layout
techniques,
•
Wide TA Range Specified: –40°C to 125°C
electromagnetic compatibility of ISO7310x has been
significantly enhanced to enable system-level ESD,
•
65 KV/
μs Transient Immunity, Typical (5V
EFT, Surge and Emissions compliance.
Supplies)
•
Robust Electromagnetic Compatibility (EMC)
Device Information(1)
–
System-level ESD, EFT, and Surge Immunity
PART NUMBER
PACKAGE
BODY SIZE (NOM)
–
Low Emissions
ISO7310C
SOIC (8)
4,90mm x 3,91mm
•
Isolation Barrier Life: > 25 Years
ISO7310FC
•
Operates from 3.3 V and 5 V Supplies
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
•
Narrow Body SOIC-8 Package
•
Safety and Regulatory Approvals:
Simplified Schematic
–
4242 VPK Isolation per DIN V VDE V 0884-10
and DIN EN 61010-1
–
3000 VRMS Isolation for 1 minute per UL 1577
–
CSA Component Acceptance Notice 5A,
IEC 60950-1 and IEC 61010-1 End Equipment
Standards
–
CQC Certification per GB4943.1-2011
2 Applications
•
Opto-Coupler Replacement in:
–
Industrial FieldBus
–
ProfiBus
–
ModBus
–
DeviceNet™ Data Buses
–
Servo Control Interface
–
Motor Control
–
Power Supplies
–
Battery Packs
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - ISO7310CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7310CD TI2-ISO7310CD Datasheet
973Kb / 29P
ISO7310x Robust EMC, Low Power, Single Channel Digital Isolator
REVISED APRIL 2015
ISO7310CD.A TI2-ISO7310CD.A Datasheet
973Kb / 29P
ISO7310x Robust EMC, Low Power, Single Channel Digital Isolator
REVISED APRIL 2015
ISO7310CD.B TI2-ISO7310CD.B Datasheet
973Kb / 29P
ISO7310x Robust EMC, Low Power, Single Channel Digital Isolator
REVISED APRIL 2015
ISO7310CDR TI2-ISO7310CDR Datasheet
973Kb / 29P
ISO7310x Robust EMC, Low Power, Single Channel Digital Isolator
REVISED APRIL 2015
ISO7310CDR.A TI2-ISO7310CDR.A Datasheet
973Kb / 29P
ISO7310x Robust EMC, Low Power, Single Channel Digital Isolator
REVISED APRIL 2015
More results

Similar Description - ISO7310CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7310C TI-ISO7310C_15 Datasheet
1Mb / 28P
ISO7310x Robust EMC, Low Power, Single Channel Digital Isolator
ISO7310-Q1 TI-ISO7310-Q1 Datasheet
515Kb / 25P
ISO7310-Q1 Robust EMC, Low Power, Single Channel Digital Isolator
ISO7330C TI-ISO7330C Datasheet
1Mb / 26P
Robust EMC, Low Power, Triple-Channel Digital Isolators
ISO7330-Q1 TI-ISO7330-Q1 Datasheet
1Mb / 30P
Robust EMC, Low Power, Triple-Channel Digital Isolators
ISO7320C TI1-ISO7320C_15 Datasheet
1Mb / 26P
Robust EMC, Low Power, Dual-Channel Digital Isolators
ISO7310-Q1 TI1-ISO7310-Q1_16 Datasheet
1Mb / 27P
Robust EMC, Low Power, Single Channel Digital Isolator
ISO7320-Q1 TI1-ISO7320-Q1_16 Datasheet
1Mb / 28P
Robust EMC, Low Power, Dual-Channel Digital Isolators
ISO7710 TI1-ISO7710 Datasheet
566Kb / 32P
ISO7710 High Speed, Robust EMC Reinforced Single-Channel Digital Isolator
ISO7710-Q1 TI1-ISO7710-Q1 Datasheet
540Kb / 31P
High Speed, Robust EMC Reinforced Single-Channel Digital Isolator
ISO7710-Q1 TI1-ISO7710-Q1_17 Datasheet
1Mb / 34P
High Speed, Robust EMC Reinforced Single-Channel Digital Isolator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com