Electronic Components Datasheet Search
  English  ▼

X  

OPA348 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OPA348
Description  1MHz, 45uA, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS Value Line
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA348 Datasheet(HTML) 5 Page - Texas Instruments

  OPA348 Datasheet HTML 1Page - Texas Instruments OPA348 Datasheet HTML 2Page - Texas Instruments OPA348 Datasheet HTML 3Page - Texas Instruments OPA348 Datasheet HTML 4Page - Texas Instruments OPA348 Datasheet HTML 5Page - Texas Instruments OPA348 Datasheet HTML 6Page - Texas Instruments OPA348 Datasheet HTML 7Page - Texas Instruments OPA348 Datasheet HTML 8Page - Texas Instruments OPA348 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
2
13
10
7
4
1
Supply Voltage (V)
2.5
3
3.5
4
4.5
5
5.5
65
55
45
35
25
I
Q
I
SC
0
Output Current (mA)
5
10
-40 C
°
-40 C
°
+125 C
°
+125 C
°
+25 C
°
V = 2.5V
S
±
+25 C
°
15
20
2.5
2
1.5
1
0.5
0
-0.5
-1
-1.5
-2
-2.5
Sourcing Current
Sinking Current
Frequency (Hz)
1k
10k
1M
100k
10M
6
5
4
3
2
1
0
V = 5.5V
S
V = 5V
S
V = 2.5V
S
10
Frequency (Hz)
100
1k
10k
100k
1M
10M
140
120
100
80
60
0.1
0
-45
-90
-135
-180
Frequency (Hz)
1
100
10
10k
1k
100k
1M
10M
140
120
100
80
60
40
20
0
-20
Gain
Phase
10
Frequency (Hz)
100
1k
10k
100k
1M
10M
100
80
60
40
20
0
PSRR
CMRR
OPA348
OPA2348
OPA4348
www.ti.com
SBOS213G – NOVEMBER 2001 – REVISED MARCH 2013
TYPICAL CHARACTERISTICS
At TA = +25°C, RL = 100kΩ connected to VS / 2 and VOUT = VS / 2, unless otherwise noted.
OPEN-LOOP GAIN AND PHASE vs FREQUENCY
PSRR AND CMRR vs FREQUENCY
Figure 1.
Figure 2.
MAXIMUM OUTPUT VOLTAGE vs FREQUENCY
CHANNEL SEPARATION vs FREQUENCY
Figure 3.
Figure 4.
QUIESCENT AND SHORT-CIRCUIT CURRENT
vs SUPPLY VOLTAGE
OUTPUT VOLTAGE SWING vs OUTPUT CURRENT
Figure 5.
Figure 6.
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: OPA348 OPA2348 OPA4348



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com