Electronic Components Datasheet Search
  English  ▼

X  

OPA348 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA348
Description  1MHz, 45uA, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS Value Line
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA348 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA348 Datasheet HTML 7Page - Texas Instruments OPA348 Datasheet HTML 8Page - Texas Instruments OPA348 Datasheet HTML 9Page - Texas Instruments OPA348 Datasheet HTML 10Page - Texas Instruments OPA348 Datasheet HTML 11Page - Texas Instruments OPA348 Datasheet HTML 12Page - Texas Instruments OPA348 Datasheet HTML 13Page - Texas Instruments OPA348 Datasheet HTML 14Page - Texas Instruments OPA348 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
C
3
33pF
V+
GND
3
1
8
4
5
6
7
-IN
+IN
2
C
2
DCLOCK
Serial
Interface
1000pF
R
1
1.5kW
R
4
20kW
R
5
20kW
R6
100kW
R
8
150kW
R
9
510kW
R
7
51kW
D
OUT
V
REF
V+ = +2.7V to 5V
CS/SHDN
C
1
1000pF
Electret
Microphone
(1)
G = 100
Passband 300Hz to 3kHz
R
3
1MW
R
2
1MW
NOTE: (1) Electret microphone
powered by R .
1
ADS7822
12-Bit A/D
1/2
OPA2348
1/2
OPA2348
ADS7822
12-Bit A/D
DCLOCK
D
OUT
CS/SHDN
OPA348
+5V
V
IN
V+
2
+In
3
-In
V
REF
8
4
GND
Serial
Interface
1
0.1 F
m
0.1 F
m
7
6
5
NOTE: A/D Input = 0 to V
REF
V
= 0V to 5V for
IN
0V to 5V output.
RC network filters high frequency noise.
500W
3300pF
OPA348
OPA2348
OPA4348
www.ti.com
SBOS213G – NOVEMBER 2001 – REVISED MARCH 2013
Figure 25. OPA348 in Noninverting Configuration Driving ADS7822
Figure 26. OPA2348 as a Speech Bandpass Filtered Data Acquisition System
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: OPA348 OPA2348 OPA4348



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com