Electronic Components Datasheet Search
  English  ▼

X  

OPA348 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # OPA348
Description  1MHz, 45uA, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS Value Line
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA348 Datasheet(HTML) 17 Page - Texas Instruments

Back Button OPA348 Datasheet HTML 13Page - Texas Instruments OPA348 Datasheet HTML 14Page - Texas Instruments OPA348 Datasheet HTML 15Page - Texas Instruments OPA348 Datasheet HTML 16Page - Texas Instruments OPA348 Datasheet HTML 17Page - Texas Instruments OPA348 Datasheet HTML 18Page - Texas Instruments OPA348 Datasheet HTML 19Page - Texas Instruments OPA348 Datasheet HTML 20Page - Texas Instruments OPA348 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
OPA2348AIDCNR
SOT-23
DCN
8
3000
203.0
203.0
35.0
OPA2348AIDCNT
SOT-23
DCN
8
250
203.0
203.0
35.0
OPA2348AIDGKR
VSSOP
DGK
8
2500
366.0
364.0
50.0
OPA2348AIDR
SOIC
D
8
2500
367.0
367.0
35.0
OPA348AIDBVR
SOT-23
DBV
5
3000
195.0
200.0
45.0
OPA348AIDBVR
SOT-23
DBV
5
3000
180.0
180.0
18.0
OPA348AIDCKR
SC70
DCK
5
3000
203.0
203.0
35.0
OPA348AIDCKT
SC70
DCK
5
250
203.0
203.0
35.0
OPA348AIDR
SOIC
D
8
2500
367.0
367.0
35.0
OPA4348AIDR
SOIC
D
14
2500
367.0
367.0
38.0
OPA4348AIPWR
TSSOP
PW
14
2500
367.0
367.0
35.0
OPA4348AIPWT
TSSOP
PW
14
250
210.0
185.0
35.0
PACKAGE MATERIALS INFORMATION
www.ti.com
2-May-2016
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com