Electronic Components Datasheet Search
  English  ▼

X  

OPA348 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA348
Description  1MHz, 45uA, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS Value Line
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA348 Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA348 Datasheet HTML 2Page - Texas Instruments OPA348 Datasheet HTML 3Page - Texas Instruments OPA348 Datasheet HTML 4Page - Texas Instruments OPA348 Datasheet HTML 5Page - Texas Instruments OPA348 Datasheet HTML 6Page - Texas Instruments OPA348 Datasheet HTML 7Page - Texas Instruments OPA348 Datasheet HTML 8Page - Texas Instruments OPA348 Datasheet HTML 9Page - Texas Instruments OPA348 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
Offset Voltage (mV)
20
18
16
14
12
10
8
6
4
2
0
Typical production
distribution of
packaged units.
Offset Voltage Drift ( V/ C)
m
°
1
2
3
4
5
6
7
8
9
10
11
12
25
20
15
10
5
0
Typical production
distribution of
packaged units.
Temperature ( C)
°
I
SC
I
Q
75
65
55
45
35
25
15
16
14
12
10
8
6
4
-75
-50
-25
0
25
50
75
100
125
150
10k
1k
100
10
1
0.1
-75
Temperature ( C)
°
-50
-25
0
25
50
75
100
125
150
-75
Temperature ( C)
°
-50
-25
0
25
50
75
100
125
150
100
90
80
70
60
50
V < V
< (V+)
-
- 1.7V
CM
V < V
< V+
-
CM
-75
Temperature ( C)
°
-50
-25
0
25
50
75
100
125
150
130
120
110
100
90
80
70
60
A
, R = 100kW
OL
L
A
, R = 5kW
OL
L
PSRR
OPA348
OPA2348
OPA4348
SBOS213G – NOVEMBER 2001 – REVISED MARCH 2013
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, RL = 100kΩ connected to VS / 2 and VOUT = VS / 2, unless otherwise noted.
COMMON-MODE REJECTION vs TEMPERATURE
OPEN-LOOP GAIN AND PSRR vs TEMPERATURE
Figure 7.
Figure 8.
QUIESCENT AND SHORT-CIRCUIT CURRENT
vs TEMPERATURE
INPUT BIAS (IB) CURRENT vs TEMPERATURE
Figure 9.
Figure 10.
OFFSET VOLTAGE DRIFT MAGNITUDE
OFFSET VOLTAGE PRODUCTION DISTRIBUTION
PRODUCTION DISTRIBUTION
Figure 11.
Figure 12.
6
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: OPA348 OPA2348 OPA4348



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com