Electronic Components Datasheet Search
  English  ▼

X  

OPA348 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA348
Description  1MHz, 45uA, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS Value Line
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA348 Datasheet(HTML) 1 Page - Texas Instruments

  OPA348 Datasheet HTML 1Page - Texas Instruments OPA348 Datasheet HTML 2Page - Texas Instruments OPA348 Datasheet HTML 3Page - Texas Instruments OPA348 Datasheet HTML 4Page - Texas Instruments OPA348 Datasheet HTML 5Page - Texas Instruments OPA348 Datasheet HTML 6Page - Texas Instruments OPA348 Datasheet HTML 7Page - Texas Instruments OPA348 Datasheet HTML 8Page - Texas Instruments OPA348 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
1
2
3
5
4
V+
-In
Out
V
-
+In
OPA348
SOT23-5
1
2
3
5
4
V+
Out
+In
V
-
-In
OPA348
SC70-5
1
2
3
4
8
7
6
5
V+
Out B
-In B
+In B
Out A
-In A
+In A
V
-
OPA2348
SOT23-8, SO-8
A
B
1
2
3
4
8
7
6
5
NC
V+
Out
NC
NC
-In
+In
V
-
OPA348
SO-8
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Out D
-In D
+In D
V
-
+In C
-In C
Out C
Out A
-In A
+In A
V+
+In B
-In B
Out B
OPA4348
TSSOP-14, SO-14
A
D
B
C
¨
OP
A348
OP
A348
OP
A2348
OP
A4348
OPA348
OPA2348
OPA4348
www.ti.com
SBOS213G – NOVEMBER 2001 – REVISED MARCH 2013
1MHz, 45µA, CMOS, Rail-to-Rail
OPERATIONAL AMPLIFIERS
Value Line Series
Check for Samples: OPA348, OPA2348, OPA4348
1
FEATURES
DESCRIPTION
The OPA348 series amplifiers are single supply, low-
2
•
LOW IQ: 45μA Typical
power, CMOS op amps in micro packaging. Featuring
•
LOW COST
an extended bandwidth of 1MHz, and a supply
•
RAIL-TO-RAIL INPUT AND OUTPUT
current of 45
μA, the OPA348 series is useful for low-
power applications on single supplies of 2.1V to 5.5V.
•
SINGLE SUPPLY: +2.1V to +5.5V
•
INPUT BIAS CURRENT: 0.5pA
Low supply current of 45
μA, and an input bias current
of 0.5pA, make the OPA348 series an optimal
•
MicroSIZE PACKAGES:
candidate for low-power, high-impedance applications
SC70-5, SOT23-8 and TSSOP-14
such as smoke detectors and other sensors.
•
HIGH SPEED: POWER WITH BANDWIDTH:
The OPA348 is available in the miniature SC70-5,
1MHz
SOT23-5 and SO-8 packages. The OPA2348 is
available in SOT23-8 and SO-8 packages, and the
APPLICATIONS
OPA4348 is offered in space-saving TSSOP-14 and
•
PORTABLE EQUIPMENT
SO-14 packages. The extended temperature range of
–40°C to +125°C over all supply voltages offers
•
BATTERY-POWERED EQUIPMENT
additional design flexibility.
•
SMOKE ALARMS
•
CO DETECTORS
•
MEDICAL INSTRUMENTATION
PACKAGES
OPA348
OPA2348
OPA4348
MSOP-8
X
SC70-5
X
SO-8
X
X
SO-14
X
SOT23-5
X
SOT23-8
X
TSSOP-14
X
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2001–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - OPA348

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA348 TI-OPA348 Datasheet
318Kb / 14P
1MHz, 45UA, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA348 TI-OPA348 Datasheet
318Kb / 17P
1MHz, 45關A, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA348 TI-OPA348 Datasheet
472Kb / 19P
1MHz, 45關A, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA348 BURR-BROWN-OPA348 Datasheet
501Kb / 19P
1MHz, 45關A, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA348 TI1-OPA348 Datasheet
1Mb / 24P
12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
More results

Similar Description - OPA348

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA349 BURR-BROWN-OPA349 Datasheet
141Kb / 7P
1mA, Rail-to-Rail, CMOS OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA348 TI-OPA348 Datasheet
318Kb / 14P
1MHz, 45UA, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA348 TI-OPA348_06 Datasheet
318Kb / 17P
1MHz, 45關A, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA348 TI-OPA348_07 Datasheet
472Kb / 19P
1MHz, 45關A, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA348 BURR-BROWN-OPA348 Datasheet
501Kb / 19P
1MHz, 45關A, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
logo
Texas Instruments
LMV341-Q1 TI1-LMV341-Q1 Datasheet
680Kb / 24P
RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8655 SGMICRO-SGM8655_15 Datasheet
463Kb / 18P
Rail-to-Rail Output CMOS Operational Amplifiers
logo
E-CMOS Corporation
ECV321 E-CMOS-ECV321 Datasheet
490Kb / 13P
1MHz, 1.8V, CMOS, Rail-to-Rail Operational Amplifier
logo
First Silicon Co., Ltd
FC321SOT FS-FC321SOT Datasheet
587Kb / 8P
1MHz, 60uA, Rail-to-Rail I/O CMOS Operational Amplifiers
FC358F FS-FC358F Datasheet
599Kb / 9P
1MHz, 60uA, Rail-to-Rail I/O CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com