Electronic Components Datasheet Search
  English  ▼

X  

TPS2836 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2836
Description  FAST SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2836 Datasheet(HTML) 5 Page - Texas Instruments

  TPS2836 Datasheet HTML 1Page - Texas Instruments TPS2836 Datasheet HTML 2Page - Texas Instruments TPS2836 Datasheet HTML 3Page - Texas Instruments TPS2836 Datasheet HTML 4Page - Texas Instruments TPS2836 Datasheet HTML 5Page - Texas Instruments TPS2836 Datasheet HTML 6Page - Texas Instruments TPS2836 Datasheet HTML 7Page - Texas Instruments TPS2836 Datasheet HTML 8Page - Texas Instruments TPS2836 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
TPS2832, TPS2833
FAST SYNCHRONOUSBUCK MOSFET DRIVERS
WITH DEADTIME CONTROL
SLVS195C − FEBRUARY 1999 − REVISED JANUARY 2001
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating virtual junction temperature range,
VCC = 6.5 V, CL = 3.3 nF (unless otherwise noted) (continued)
output drivers
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
High-side sink
Duty cycle < 2%,
VBOOT – VBOOTLO = 4.5 V, VHIGHDR = 4 V
0.7
1.1
High-side sink
(see Note 4)
Duty cycle < 2%,
tpw < 100 µs
(see Note 3)
VBOOT – VBOOTLO = 6.5 V, VHIGHDR = 5 V
1.1
1.5
A
(see Note 4)
tpw < 100 µs
(see Note 3)
VBOOT – VBOOTLO = 12 V, VHIGHDR = 10.5 V
2
2.4
A
High-side
Duty cycle < 2%,
VBOOT – VBOOTLO = 4.5 V, VHIGHDR = 0.5V
1.2
1.4
High-side
source
(see Note 4)
Duty cycle < 2%,
tpw < 100 µs
(see Note 3)
VBOOT – VBOOTLO = 6.5 V, VHIGHDR = 1.5 V
1.3
1.6
A
Peak output-
source
(see Note 4)
tpw < 100 µs
(see Note 3)
VBOOT – VBOOTLO = 12 V, VHIGHDR = 1.5 V
2.3
2.7
A
Peak output-
current
Low-side sink
Duty cycle < 2%,
VCC = 4.5 V,
VLOWDR = 4 V
1.3
1.8
current
Low-side sink
(see Note 4)
Duty cycle < 2%,
tpw < 100 µs
(see Note 3)
VCC = 6.5 V,
VLOWDR = 5 V
2
2.5
A
(see Note 4)
tpw < 100 µs
(see Note 3)
VCC = 12 V,
VLOWDR = 10.5 V
3
3.5
A
Low-side
Duty cycle < 2%,
VCC = 4.5 V,
VLOWDR = 0.5V
1.4
1.7
Low-side
source
(see Note 4)
Duty cycle < 2%,
tpw < 100 µs
(see Note 3)
VCC = 6.5 V,
VLOWDR = 1.5 V
2
2.4
A
source
(see Note 4)
tpw < 100 µs
(see Note 3)
VCC = 12 V,
VLOWDR = 1.5 V
2.5
3
A
VBOOT – VBOOTLO = 4.5 V, VHIGHDR = 0.5 V
5
High-side sink (see Note 4)
VBOOT – VBOOTLO = 6.5 V, VHIGHDR = 0.5 V
5
Ω
High-side sink (see Note 4)
VBOOT – VBOOTLO = 12 V, VHIGHDR = 0.5 V
5
Ω
VBOOT – VBOOTLO = 4.5 V, VHIGHDR = 4 V
75
High-side source (see Note 4)
VBOOT – VBOOTLO = 6.5 V, VHIGHDR = 6 V
75
Ω
Output
High-side source (see Note 4)
VBOOT – VBOOTLO = 12 V, VHIGHDR =11.5 V
75
Ω
Output
resistance
VDRV = 4.5 V,
VLOWDR = 0.5 V
9
resistance
Low-side sink (see Note 4)
VDRV = 6.5 V
VLOWDR = 0.5 V
7.5
Ω
Low-side sink (see Note 4)
VDRV = 12 V,
VLOWDR = 0.5 V
6
Ω
VDRV = 4.5 V,
VLOWDR = 4 V
75
Low-side source (see Note 4)
VDRV = 6.5 V,
VLOWDR = 6 V
75
Ω
Low-side source (see Note 4)
VDRV = 12 V,
VLOWDR = 11.5 V
75
Ω
NOTES:
3. Ensured by design, not production tested.
4. The pull-up/pull-down circuits of the drivers are bipolar and MOSFET transistors in parallel. The peak output current rating is the
combined current from the bipolar and MOSFET transistors. The output resistance is the Rds(on) of the MOSFET transistor when
the voltage on the driver output is less than the saturation voltage of the bipolar transistor.
dead time
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH
High-level input voltage
LOWDR
Over the VCC range (see Note 3)
0.7VCC
V
VIL
Low-level input voltage
LOWDR
Over the VCC range (see Note 3)
1
V
VIH
High-level input voltage
DT
Over the VCC range
0.7VCC
V
VIL
Low-level input voltage
DT
Over the VCC range
1
V
NOTE 3: Ensured by design, not production tested.
digital control terminals
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH
High-level input voltage
Over the VCC range
0.7VCC
V
VIL
Low-level input voltage
Over the VCC range
1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com