Electronic Components Datasheet Search
  English  ▼

X  

TPS2836 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2836
Description  FAST SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2836 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS2836 Datasheet HTML 2Page - Texas Instruments TPS2836 Datasheet HTML 3Page - Texas Instruments TPS2836 Datasheet HTML 4Page - Texas Instruments TPS2836 Datasheet HTML 5Page - Texas Instruments TPS2836 Datasheet HTML 6Page - Texas Instruments TPS2836 Datasheet HTML 7Page - Texas Instruments TPS2836 Datasheet HTML 8Page - Texas Instruments TPS2836 Datasheet HTML 9Page - Texas Instruments TPS2836 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
TPS2832, TPS2833
FAST SYNCHRONOUSBUCK MOSFET DRIVERS
WITH DEADTIME CONTROL
SLVS195C − FEBRUARY 1999 − REVISED JANUARY 2001
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics over recommended operating virtual junction temperature range,
CL = 3.3 nF (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VBOOT = 4.5 V,
VBOOTLO = 0 V
60
HIGHDR output (see Note 3)
VBOOT = 6.5 V,
VBOOTLO = 0 V
50
ns
Rise time
HIGHDR output (see Note 3)
VBOOT = 12 V,
VBOOTLO = 0 V
50
ns
Rise time
VCC = 4.5 V
40
LOWDR output (see Note 3)
VCC = 6.5 V
30
ns
LOWDR output (see Note 3)
VCC = 12 V
30
ns
VBOOT = 4.5 V,
VBOOTLO = 0 V
60
HIGHDR output (see Note 3)
VBOOT = 6.5 V,
VBOOTLO = 0 V
50
ns
Fall time
HIGHDR output (see Note 3)
VBOOT = 12 V,
VBOOTLO = 0 V
50
ns
Fall time
VCC = 4.5 V
40
LOWDR output (see Note 3)
VCC = 6.5 V
30
ns
LOWDR output (see Note 3)
VCC = 12 V
30
ns
HIGHDR going low
VBOOT = 4.5 V,
VBOOTLO = 0 V
130
HIGHDR going low
(excluding dead time) (see Note 3)
VBOOT = 6.5 V,
VBOOTLO = 0 V
100
ns
Propagation delay time
(excluding dead time) (see Note 3)
VBOOT = 12 V,
VBOOTLO = 0 V
75
ns
Propagation delay time
LOWDR going high
VBOOT = 4.5 V,
VBOOTLO = 0 V
80
LOWDR going high
(excluding dead time) (see Note 3)
VBOOT = 6.5 V,
VBOOTLO = 0 V
70
ns
(excluding dead time) (see Note 3)
VBOOT = 12 V,
VBOOTLO = 0 V
60
ns
LOWDR going low
VCC = 4.5 V
80
Propagation delay time
LOWDR going low
(excluding dead time) (see Note 3)
VCC = 6.5 V
70
ns
Propagation delay time
(excluding dead time) (see Note 3)
VCC = 12 V
60
ns
DT to LOWDR and
VCC = 4.5 V
40
170
Driver nonoverlap time
DT to LOWDR and
LOWDR to HIGHDR (see Note 3)
VCC = 6.5 V
25
135
ns
Driver nonoverlap time
LOWDR to HIGHDR (see Note 3)
VCC = 12 V
15
85
ns
NOTE 3:
Ensured by design, not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com