Electronic Components Datasheet Search
  English  ▼

X  

TPS2836 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2836
Description  FAST SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2836 Datasheet(HTML) 1 Page - Texas Instruments

  TPS2836 Datasheet HTML 1Page - Texas Instruments TPS2836 Datasheet HTML 2Page - Texas Instruments TPS2836 Datasheet HTML 3Page - Texas Instruments TPS2836 Datasheet HTML 4Page - Texas Instruments TPS2836 Datasheet HTML 5Page - Texas Instruments TPS2836 Datasheet HTML 6Page - Texas Instruments TPS2836 Datasheet HTML 7Page - Texas Instruments TPS2836 Datasheet HTML 8Page - Texas Instruments TPS2836 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
TPS2832, TPS2833
FAST SYNCHRONOUSBUCK MOSFET DRIVERS
WITH DEADTIME CONTROL
SLVS195C − FEBRUARY 1999 − REVISED JANUARY 2001
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Floating Bootstrap or Ground-Reference
High-Side Driver
D Adaptive Dead-Time Control
D 50-ns Max Rise/Fall Times and 100-ns Max
Propagation Delay − 3.3-nF Load
D Ideal for High-Current Single or Multiphase
Power Supplies
D 2.4-A Typical Peak Output Current
D 4.5-V to 15-V Supply Voltage Range
D Internal Schottky Bootstrap Diode
D Low Supply Current....3-mA Typical
D −40°C to 125°C Operating Virtual Junction
Temperature
D Available in SOIC Package
description
The TPS2832 and TPS2833 are MOSFET drivers for synchronous-buck power stages. These devices are ideal
for designing a high-performance power supply using switching controllers that do not have MOSFET drivers.
The drivers are designed to deliver 2.4-A peak currents into large capacitive loads. The high-side driver can be
configured as a ground-reference driver or as a floating bootstrap driver. An adaptive dead-time control circuit
eliminates shoot-through currents through the main power FETs during switching transitions and provides high
efficiency for the buck regulator.
The TPS2832 has a noninverting input. The TPS2833 has an inverting input. The TPS2832/33 drivers, available
in 8-terminal SOIC packages, operate over a junction temperature range of − 40
°C to 125°C.
AVAILABLE OPTIONS
PACKAGED DEVICES
TJ
SOIC
(D)
−40
°C to 125°C
TPS2832D
TPS2833D
The D package is available taped and reeled. Add R
suffix to device type (e.g., TPS2832DR)
Related Synchronous MOSFET Drivers
DEVICE NAME
ADDITIONAL FEATURES
INPUTS
TPS2830
ENABLE, SYNC and CROWBAR
CMOS
Noninverted
TPS2831
ENABLE, SYNC and CROWBAR
CMOS
Inverted
TPS2834
ENABLE, SYNC and CROWBAR
TTL
Noninverted
TPS2835
ENABLE, SYNC and CROWBAR
TTL
Inverted
TPS2836
W/O ENABLE, SYNC and CROWBAR
TTL
Noninverted
TPS2837
W/O ENABLE, SYNC and CROWBAR
TTL
Inverted
Copyright
 2001, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
D PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
IN
PGND
DT
VCC
BOOT
HIGHDR
BOOTLO
LOWDR


Similar Part No. - TPS2836

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2836 TI-TPS2836 Datasheet
181Kb / 14P
SYNCHRONOUS-BUCK MOSFET DRIVER WITH DEADTIME CONTROL
TPS2836 TI1-TPS2836 Datasheet
1,006Kb / 23P
SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2836 TI1-TPS2836 Datasheet
734Kb / 17P
SYNCHRONOUS-BUCK MOSFET DRIVER WITH DEAD-TIME CONTROL
TPS2836 TI2-TPS2836 Datasheet
296Kb / 17P
FAST SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
REVISED JANUARY 2001
TPS2836 TI2-TPS2836 Datasheet
300Kb / 17P
SYNCHRONOUS-BUCK MOSFET DRIVER ‘WITH DEAD-TIME CONTROL
REVISED AUGUST 2002
More results

Similar Description - TPS2836

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2830 TI-TPS2830 Datasheet
198Kb / 15P
FAST SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEADTIME CONTROL
TPS2834 TI-TPS2834 Datasheet
200Kb / 15P
SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEADTIME CONTROL
TPS2834PWPR TI1-TPS2834PWPR Datasheet
1,006Kb / 23P
SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2834PWPR TI1-TPS2834PWPR Datasheet
988Kb / 23P
SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2830DR TI-TPS2830DR Datasheet
769Kb / 22P
FAST SYNCHRONOUS-BUCK MOSFET DRIVERS
TPS2830 TI1-TPS2830_15 Datasheet
1Mb / 24P
FAST SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2832 TI1-TPS2832_15 Datasheet
725Kb / 17P
FAST SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2834 TI1-TPS2834_15 Datasheet
1Mb / 25P
SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2836 TI1-TPS2836_15 Datasheet
734Kb / 17P
SYNCHRONOUS-BUCK MOSFET DRIVER WITH DEAD-TIME CONTROL
TPS2848 TI1-TPS2848_15 Datasheet
657Kb / 28P
SYNCHRONOUS-BUCK MOSFET DRIVER WITH DEAD-TIME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com