Electronic Components Datasheet Search
  English  ▼

X  

TPS2836 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2836
Description  FAST SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2836 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS2836 Datasheet HTML 8Page - Texas Instruments TPS2836 Datasheet HTML 9Page - Texas Instruments TPS2836 Datasheet HTML 10Page - Texas Instruments TPS2836 Datasheet HTML 11Page - Texas Instruments TPS2836 Datasheet HTML 12Page - Texas Instruments TPS2836 Datasheet HTML 13Page - Texas Instruments TPS2836 Datasheet HTML 14Page - Texas Instruments TPS2836 Datasheet HTML 15Page - Texas Instruments TPS2836 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
TPS2832, TPS2833
FAST SYNCHRONOUSBUCK MOSFET DRIVERS
WITH DEADTIME CONTROL
SLVS195C − FEBRUARY 1999 − REVISED JANUARY 2001
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
Great care should be taken when laying out the pc board. The power-processing section is the most critical and
will generate large amounts of EMI if not properly configured. The junction of Q1, Q2, and L1 should be very
tight. The connection from Q1 drain to the positive sides of C5, C10, and C11 and the connection from Q2 source
to the negative sides of C5, C10, and C11 should be as short as possible. The negative terminals of C7 and
C12 should also be connected to Q2 source.
Next, the traces from the MOSFET driver to the power switches should be considered. The BOOTLO signal from
the junction of Q1 and Q2 carries the large gate drive current pulses and should be as heavy as the gate drive
traces. The bypass capacitor (C14) should be tied directly across VCC and PGND.
The next most sensitive node is the FB node on the controller (terminal 4 on the TL5001A) This node is very
sensitive to noise pickup and should be isolated from the high-current power stage and be as short as possible.
The ground around the controller and low-level circuitry should be tied to the power ground as the output. If these
three areas are properly laid out, the rest of the circuit should not have any other EMI problems and the power
supply will be relatively free of noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com