Electronic Components Datasheet Search
  English  ▼

X  

TPS2836 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2836
Description  FAST SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2836 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS2836 Datasheet HTML 4Page - Texas Instruments TPS2836 Datasheet HTML 5Page - Texas Instruments TPS2836 Datasheet HTML 6Page - Texas Instruments TPS2836 Datasheet HTML 7Page - Texas Instruments TPS2836 Datasheet HTML 8Page - Texas Instruments TPS2836 Datasheet HTML 9Page - Texas Instruments TPS2836 Datasheet HTML 10Page - Texas Instruments TPS2836 Datasheet HTML 11Page - Texas Instruments TPS2836 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
TPS2832, TPS2833
FAST SYNCHRONOUSBUCK MOSFET DRIVERS
WITH DEADTIME CONTROL
SLVS195C − FEBRUARY 1999 − REVISED JANUARY 2001
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 5
20
46
8
10
30
LOW-TO-HIGH PROPAGATION DELAY TIME
vs
SUPPLY VOLTAGE, LOW TO HIGH LEVEL
150
13
VCC − Supply Voltage − V
70
80
90
40
50
60
57
9
11
12
120
130
140
100
110
Low Side
High Side
CL = 3.3 nF
TJ = 25°C
15
14
Figure 6
HIGH-TO-LOW PROPAGATION DELAY TIME
vs
SUPPLY VOLTAGE, HIGH TO LOW LEVEL
VCC − Supply Voltage − V
20
46
8
10
30
150
13
70
80
90
40
50
60
57
9
11
12
120
130
140
100
110
Low Side
High Side
CL = 3.3 nF
TJ = 25°C
15
14
Figure 7
LOW-TO-HIGH PROPAGATION DELAY TIME
vs
JUNCTION TEMPERATURE
TJ − Junction Temperature − °C
20
0
50
100
30
150
125
70
80
90
40
50
60
25
75
120
130
140
100
110
−25
−50
VCC = 6.5 V
CL = 3.3 nF
High Side
Low Side
Figure 8
HIGH-TO-LOW PROPAGATION DELAY TIME
vs
JUNCTION TEMPERATURE
TJ − Junction Temperature − °C
20
0
50
100
30
150
125
70
80
90
40
50
60
25
75
120
130
140
100
110
Low Side
High Side
VCC = 6.5 V
CL = 3.3 nF
−25
−50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com