Electronic Components Datasheet Search
  English  ▼

X  

OPA643 Datasheet(PDF) 5 Page - Texas Instruments

Part # OPA643
Description  Wideband Low Distortion, High Gain OPERATIONAL AMPLIFIER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA643 Datasheet(HTML) 5 Page - Texas Instruments

  OPA643 Datasheet HTML 1Page - Texas Instruments OPA643 Datasheet HTML 2Page - Texas Instruments OPA643 Datasheet HTML 3Page - Texas Instruments OPA643 Datasheet HTML 4Page - Texas Instruments OPA643 Datasheet HTML 5Page - Texas Instruments OPA643 Datasheet HTML 6Page - Texas Instruments OPA643 Datasheet HTML 7Page - Texas Instruments OPA643 Datasheet HTML 8Page - Texas Instruments OPA643 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
®
OPA643
5
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, VS = ±5V, RL = 100Ω, RF = 402Ω, unless otherwise noted.
5MHz 2ND HARMONIC DISTORTION
Output Voltage Swing (Vp-p)
1
0.1
10
G = +5
–70
–75
–80
–85
–90
–95
–100
R
L = 500Ω
R
L = 100Ω
R
L = 200Ω
5MHz 3RD HARMONIC DISTORTION
Output Voltage Swing (Vp-p)
1
0.1
10
G = +5
–70
–75
–80
–85
–90
–95
–100
R
L = 200Ω
R
L = 100Ω
R
L = 500Ω
10MHz 2ND HARMONIC DISTORTION
Output Voltage Swing (Vp-p)
1
0.1
10
G = +5
–60
–65
–70
–75
–80
–85
–90
R
L = 100Ω
R
L = 500Ω
R
L = 200Ω
10MHz 3RD HARMONIC DISTORTION
Output Voltage Swing (Vp-p)
1
0.1
10
G = +5
–60
–65
–70
–75
–80
–85
–90
R
L = 500Ω
R
L = 100Ω
R
L = 200Ω
20MHz 2ND HARMONIC DISTORTION
Output Voltage Swing (Vp-p)
1
0.1
10
G = +5
–60
–65
–70
–75
–80
–85
–90
R
L = 100Ω
R
L = 200Ω
R
L = 500Ω
20MHz 3RD HARMONIC DISTORTION
Output Voltage Swing (Vp-p)
1
0.1
10
G = +5
–60
–65
–70
–75
–80
–85
–90
R
L = 200Ω
R
L = 500Ω
R
L = 100Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com