Electronic Components Datasheet Search
  English  ▼

X  

OPA643 Datasheet(PDF) 17 Page - Texas Instruments

Part # OPA643
Description  Wideband Low Distortion, High Gain OPERATIONAL AMPLIFIER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA643 Datasheet(HTML) 17 Page - Texas Instruments

Back Button OPA643 Datasheet HTML 10Page - Texas Instruments OPA643 Datasheet HTML 11Page - Texas Instruments OPA643 Datasheet HTML 12Page - Texas Instruments OPA643 Datasheet HTML 13Page - Texas Instruments OPA643 Datasheet HTML 14Page - Texas Instruments OPA643 Datasheet HTML 15Page - Texas Instruments OPA643 Datasheet HTML 16Page - Texas Instruments OPA643 Datasheet HTML 17Page - Texas Instruments OPA643 Datasheet HTML 18Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
®
OPA643
17
distortion, non-inverting amplifier operation. Order these
boards by the following part numbers from your local Burr-
Brown distributor:
DEM-OPA64XP-N for the OPA643P and OPA643PB (8-pin DIP package)
DEM-OPA64XU-N for the OPA643U and OPA643UB (8-pin SO package)
The SOT23-5 package version of the OPA643 may be
evaluated using a single unpopulated board used for numerous
SOT23-5 packaged amplifiers available from Burr-Brown.
This board is available from the Burr-Brown Literature
department as an unpopulated board attached to a descriptive
document. This board, the DEM-OPA6xxN, is available
free by requesting literature number MKT-348.
MACROMODELS AND APPLICATIONS SUPPORT
Computer simulation of circuit performance using SPICE is
often useful when analyzing the performance of analog
circuits and systems. This is particularly true for video and
RF amplifier circuits where parasitic capacitance and
inductance can have a major effect on circuit performance.
A SPICE model for the OPA643 is available through the
Burr-Brown Internet web page (http://www.burr-brown.com)
or as a disk from the Burr-Brown Applications department
(1-800-548-6132). The Application department is also
available for design assistance at this number. These models
do a good job of predicting small signal AC and transient
performance under a wide variety of operating conditions.
They do not do as well in predicting the harmonic distortion
or dG/dP characteristics. These models do not attempt to
distinguish among the various package types in their small
signal AC performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com