Electronic Components Datasheet Search
  English  ▼

X  

OPA643 Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA643
Description  Wideband Low Distortion, High Gain OPERATIONAL AMPLIFIER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA643 Datasheet(HTML) 1 Page - Texas Instruments

  OPA643 Datasheet HTML 1Page - Texas Instruments OPA643 Datasheet HTML 2Page - Texas Instruments OPA643 Datasheet HTML 3Page - Texas Instruments OPA643 Datasheet HTML 4Page - Texas Instruments OPA643 Datasheet HTML 5Page - Texas Instruments OPA643 Datasheet HTML 6Page - Texas Instruments OPA643 Datasheet HTML 7Page - Texas Instruments OPA643 Datasheet HTML 8Page - Texas Instruments OPA643 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
®
OPA643
1
Wideband Low Distortion, High Gain
OPERATIONAL AMPLIFIER
®
OPA643
APPLICATIONS
q BASE STATION ADC PREAMP
q ADC/DAC BUFFER AMPLIFIER
q LOW DISTORTION IF AMPLIFIER
q LOW NOISE, BROADBAND,
TRANSIMPEDANCE AMPLIFIER
q LOW NOISE PREAMPLIFIER
q VIDEO AMPLIFICATION
q TEST INSTRUMENTATION
OPA643
OPA658
OPA643
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111 • Twx: 910-952-1111
Internet: http://www.burr-brown.com/ • FAXLine: (800) 548-6133 (US/Canada Only) • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
FEATURES
q LOW DISTORTION: –90dBc at 5MHz
q LOW NOISE: 2.3nV/
√Hz
q GAIN-BANDWIDTH PRODUCT: 800MHz
q AVAILABLE IN SOT23-5 PACKAGE
q STABLE IN GAINS
≥ 3
q HIGH SLEW RATE: 1000V/
µs
q HIGH OPEN-LOOP GAIN: 95dB
q HIGH OUTPUT CURRENT:
±60mA
DESCRIPTION
The OPA643 provides a level of speed and dynamic
range previously unattainable in a monolithic op amp.
Using a de-compensated voltage feedback architec-
ture with two internal gain stages, the OPA643 achieves
exceptionally low harmonic distortion over a wide
frequency range. The "classic" differential input pro-
vides all the familiar benefits of precision op amps,
such as bias current cancellation and very low invert-
ing current noise compared with wideband current
feedback op amps. High slew rate and open-loop gain,
along with low input noise and high output current
drive make the OPA643 ideal for very high dynamic
range requirements.
The high gain bandwidth product for the gain
≥ 3
stable OPA643 makes it particularly suitable for
wideband transimpedance amplifiers and moderate gain
IF amplifier applications. External compensation
techniques may be used to apply the OPA643 at low
gains giving exceptionally low distortion and frequency
response flatness. Where unity gain stability with
comparable distortion performance is required, consider
the OPA642.
806
Ω
50
Ω
1Vp-p
10MHz
OPA643
47pF
REFT
+5V
REFB
ADS805
12-Bit
20MSPS
Measured
80dB SFDR
Analog
Input
56.9
Ω
0.1µF
0.1µF
402
Ω
5k
Ω
High Dynamic Range 20MSPS Digitizer
5k
Ω
0.1µF
2Vp-p
+5V
–5V
14pF
280
Ω
0.1µF
Low Gain
Compensation
50
Ω
Source
2.7pF
©1993 Burr-Brown Corporation
PDS-1191D
Printed in U.S.A. March, 1998
SBOS025


Similar Part No. - OPA643

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA643 BURR-BROWN-OPA643 Datasheet
262Kb / 17P
Wideband Low Distortion, High Gain OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA643 TI1-OPA643 Datasheet
170Kb / 16P
Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA643N BURR-BROWN-OPA643N Datasheet
262Kb / 17P
Wideband Low Distortion, High Gain OPERATIONAL AMPLIFIER
OPA643NB BURR-BROWN-OPA643NB Datasheet
262Kb / 17P
Wideband Low Distortion, High Gain OPERATIONAL AMPLIFIER
OPA643P BURR-BROWN-OPA643P Datasheet
262Kb / 17P
Wideband Low Distortion, High Gain OPERATIONAL AMPLIFIER
More results

Similar Description - OPA643

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA642 BURR-BROWN-OPA642 Datasheet
243Kb / 15P
Wideband, Low Distortion, Low Gain OPERATIONAL AMPLIFIER
OPA643 BURR-BROWN-OPA643 Datasheet
262Kb / 17P
Wideband Low Distortion, High Gain OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA842 TI-OPA842 Datasheet
438Kb / 19P
Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA843 BURR-BROWN-OPA843 Datasheet
377Kb / 22P
Wideband, Low Distortion, Medium Gain, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA628 BURR-BROWN-OPA628 Datasheet
172Kb / 13P
Low Distortion Wideband OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA842IDG4 TI-OPA842IDG4 Datasheet
812Kb / 29P
Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Intersil Corporation
ISL55211IRTZ INTERSIL-ISL55211IRTZ Datasheet
1Mb / 20P
Wideband, Low Noise, Low Distortion, Fixed Gain Differential Amplifier
June 21, 2011
logo
Texas Instruments
OPA642 TI1-OPA642 Datasheet
176Kb / 16P
Wideband, Low Distortion, Low Gain OPERATIONAL AMPLIFIER
OPA842 TI1-OPA842_15 Datasheet
818Kb / 29P
Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA843 TI1-OPA843 Datasheet
861Kb / 29P
Wideband, Low Distortion, Medium Gain Voltage-Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com