Electronic Components Datasheet Search
  English  ▼

X  

OPA643 Datasheet(PDF) 10 Page - Texas Instruments

Part # OPA643
Description  Wideband Low Distortion, High Gain OPERATIONAL AMPLIFIER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA643 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA643 Datasheet HTML 6Page - Texas Instruments OPA643 Datasheet HTML 7Page - Texas Instruments OPA643 Datasheet HTML 8Page - Texas Instruments OPA643 Datasheet HTML 9Page - Texas Instruments OPA643 Datasheet HTML 10Page - Texas Instruments OPA643 Datasheet HTML 11Page - Texas Instruments OPA643 Datasheet HTML 12Page - Texas Instruments OPA643 Datasheet HTML 13Page - Texas Instruments OPA643 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
®
OPA643
10
A good rule of thumb is to target the parallel combination of
R
F and RG (Figure 1) to be less than about 200Ω. The
combined impedance RF RG interacts with the inverting
input capacitance, placing an additional pole in the feedback
network and thus a zero in the forward response. Assuming
a 3pF total parasitic on the inverting node, holding R
F RG
< 200
Ω will keep this pole above 250MHz. By itself, this
constraint implies that the feedback resistor R
F can increase
to several k
Ω at high gains. This is acceptable as long as the
pole formed by R
F and any parasitic capacitance appearing
in parallel with it is kept out of the frequency range of
interest. The exception to this is in wideband transimpedance
applications as described earlier. There, a feedback pole is
used to compensate for the zero formed by the input
capacitance and the feedback resistor.
In the inverting configuration, an additional design contraint
must be considered. RG becomes the input resistor and
therefore the load impedance to the driving source. If
impedance matching is desired, RG may be set equal to the
required termination value. However, at low inverting gains,
the resulting feedback resistor value can present a significant
load to the amplifier output. For example, an inverting gain
of –4 (noise gain of 5) with a 50
Ω input matching resistor
(= RG) would require a 200Ω feedback resistor, which would
increase output loading in parallel with the external load. To
decrease the added loading, it would be preferable to increase
both the RF and RG values, and then achieve the input
matching impedance with a third resistor to ground at the
input. The total input impedance becomes the parallel
combination of RG and this additional shunt input resistor.
BANDWIDTH VS GAIN
Voltage feedback op amps exhibit decreasing closed-loop
bandwidth as the signal gain is increased. In theory, this
relationship is described by the Gain Bandwidth Product
(GBP) shown in the Electrical Specifications. Ideally, dividing
GBP by the non-inverting signal gain (also called the noise
gain, or NG) will predict the closed-loop bandwidth. In
practice, this relationship only holds true when the phase
margin approaches 90
°, as it does in high gain configurations.
At low signal gains, most high speed amplifiers will exhibit
a more complex response with lower phase margin. The
OPA643 is optimized to give a maximally flat frequency
response at a gain of +5. Dividing the typical 800MHz gain
bandwidth product by the noise gain of 5 would predict a
closed-loop bandwidth of 160MHz. However, the actual
bandwidth is extended to > 200MHz due to the reduced
(< 90
°) phase margin at this noise gain. Increasing the gain
will increase the phase margin moving the closed-loop
bandwidth closer to that predicted by the gain bandwidth
product. The 40MHz bandwidth at a gain of +20, shown in
the Electrical Specifications, agrees with that predicted using
the 800MHz GBP.
LOW GAIN OPERATION
Decreasing the operating gain for the OPA643 from the
nominal design point of +5 will decrease the phase margin.
required 0.8pF value shown in Figure 3 to get the required
feedback pole.
This will set the –3dB bandwidth according to:
F–3dB ≅ √(GBP/2πRFCS) Hz
The example of Figure 3 will give approximately 23MHz
flat bandwidth using the 0.8pF feedback compensation.
WIDEBAND INVERTING SUMMING AMPLIFIER
One common application for a wideband op amp like the
OPA643 is to sum a number of signal sources together.
Figure 4 shows the inverting summing configuration that is
most often used. This circuit offers the benefit that each
input sees an input impedance set only by its individual input
resistor, since the summing junction (inverting op amp
node) is a virtual ground. Each input is non-interactive with
every other. However, the bandwidth from any input to the
summed output is set by the op amp noise gain (NG), equal
to the non-inverting voltage gain. So, even though each
inverting channel may have a low gain to the output (like the
–1 shown in Figure 4), the overall noise gain will set the
frequency response and the loop stability. The non-inverting
gain for Figure 4 is equal to +5 which will give a 200MHz
bandwidth at a gain of –1 for each of the input signals.
OPERATING SUGGESTIONS
OPTIMIZING RESISTOR VALUES
Since the OPA643 is a voltage feedback op amp, a wide
range of resistor values may be used for the feedback and
gain setting resistors (RF and RG in Figure 1). The primary
limits to these values are set by dynamic range (noise and
distortion) and parasitic capacitive considerations. Usually,
the feedback resistor value should be between 200
Ω and
1k
Ω. Below 200Ω, the feedback network will present
additional output loading which can degrade the harmonic
distortion performance of the OPA643. Above 1k
Ω, the
typical parasitic capacitance (approximately 0.2pF) across
the feedback resistor may cause unintentional band-limiting
in the amplifier response.
FIGURE 4. Wideband Inverting Summing Amplifier.
R
F
402
Ω
Supply Decoupling
Not Shown
81.6
Ω
0.1µF
402
Ω
OPA643
+5V
–5V
V
O = – (V1 + V2 + V3 + V4)
V
1
402
Ω
V
2
402
Ω
V
3
402
Ω
V
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com