Electronic Components Datasheet Search
  English  ▼

X  

OPA660AP Datasheet(PDF) 4 Page - Texas Instruments

Part # OPA660AP
Description  OPERATIONAL TRANSCONDUCTANCE AMPLIFIER AND BUFFER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA660AP Datasheet(HTML) 4 Page - Texas Instruments

  OPA660AP Datasheet HTML 1Page - Texas Instruments OPA660AP Datasheet HTML 2Page - Texas Instruments OPA660AP Datasheet HTML 3Page - Texas Instruments OPA660AP Datasheet HTML 4Page - Texas Instruments OPA660AP Datasheet HTML 5Page - Texas Instruments OPA660AP Datasheet HTML 6Page - Texas Instruments OPA660AP Datasheet HTML 7Page - Texas Instruments OPA660AP Datasheet HTML 8Page - Texas Instruments OPA660AP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
®
OPA660
OTA TRANSFER CHARACTERISTICS
10
5
0
–5
–60
–40
–20
0
20
40
60
OTA Input Voltage (mV)
I
Q = 20mA
I
Q = 5mA
I
Q = 10mA
–10
OTA C-OUTPUT RESISTANCE
vs TOTAL QUIESCENT CURRENT (I
Q)
4
Total Quiescent Current — I
Q (mA)
6
8
10
12
14
16
18
20
60
50
40
30
20
10
0
OTA C-OUTPUT BIAS CURRENT vs TEMPERATURE
–20
–0
20
40
60
80
100
Temperature (°C)
Trim Point
5 Representative
Units
–40
–20
40
100
Temperature (°C)
0.0
–1.0
–2.0
–3.0
–4.0
BUFFER AND OTA B-INPUT BIAS CURRENT
vs TEMPERATURE
80
–0
20
60
–5.0
TOTAL QUIESCENT CURRENT vs TEMPERATURE
–25
25
100
Temperature (°C)
1.5
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
050
75
0.5
TYPICAL PERFORMANCE CURVES
IQ = 20mA, TA = +25°C, and VS = ±5V unless otherwise noted.
100
1.0k
10k
R — Resistor Value ( )
Q
Ω
100
30
10
3.0
TOTAL QUIESCENT CURRENT vs RQ
300
3.0k
1.0
Nominal
Device
Low I
Q
Device
High I
Q
Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com