Electronic Components Datasheet Search
  English  ▼

X  

OPA660AP Datasheet(PDF) 10 Page - Texas Instruments

Part # OPA660AP
Description  OPERATIONAL TRANSCONDUCTANCE AMPLIFIER AND BUFFER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA660AP Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA660AP Datasheet HTML 6Page - Texas Instruments OPA660AP Datasheet HTML 7Page - Texas Instruments OPA660AP Datasheet HTML 8Page - Texas Instruments OPA660AP Datasheet HTML 9Page - Texas Instruments OPA660AP Datasheet HTML 10Page - Texas Instruments OPA660AP Datasheet HTML 11Page - Texas Instruments OPA660AP Datasheet HTML 12Page - Texas Instruments OPA660AP Datasheet HTML 13Page - Texas Instruments OPA660AP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
®
OPA660
R
B
R
L
R
B
R
E
V–
V+
V
I
V
O
(a) Common-Emitter Amplifier
V
O
100
Ω
OTA
V
I
B
E
R
L
R
E
Non-Inverting Gain
(b) Common-E Amplifier
Inverting Gain
V
several volts
OS ≈
3
2
C
8
Transconductance varies over temperature.
Transconductance remains constant over temperature.
V
OS ≈ 0
V–
V+
V
I
V
O
(a) Common-Collector Amplifier
(Emitter Follower)
V
O
100
Ω
OTA
V
I
(b) Common-C Amplifier
(Buffer)
≈
OS
G
1
V
0.7V
≈
≈
OS
G
1
V
0
≈
B
3
C
8
R
E
R
E
R
O =
1
g
m
G =
≈ 1
1 +
1
g
m ¥ RE
1
E
2
using this more complex biasing circuitry. It does, however,
demonstrate the possibility of signal-controlled quiescent
current. This may suggest other possibilities such as AGC,
dynamic control of AC behavior, or VCO.
Figure 4 shows logic control of pin 1 used to disable the
OPA660. Zero/5V logic levels are converted to a 1mA/0mA
current connected to pin 1. The 1mA current flowing in RQ
increases the voltage at pin 1 to approximately 1V above the
–5V rail. This will reduce IQ to near zero, disabling the
OPA660.
BASIC APPLICATIONS CIRCUITS
Most applications circuits for the OTA section consist of a
few basic types which are best understood by analogy to a
transistor. Just as the transistor has three basic operating
modes—common emitter, common base, and common col-
lector—the OTA has three equivalent operating modes com-
mon-E, common-B, and common-C. See Figures 5, 6, and 7.
50k
Ω
100
Ω
14
–5V
I
C
250
Ω
R
Q
Internal
Current Source
Circuitry
≈
OPA660
2N2907
+5V
I = 0: OPA660 On
I
1mA: OPA660 Off
C
C
0/5V
Logic In
5V: OPA660 On
4.7k
Ω
FIGURE 7. Common-Base vs Common-B Amplifier.
FIGURE 6. Common-Collector vs Common-C Amplifier.
FIGURE 5. Common-Emitter vs Common-E Amplifier.
FIGURE 4. Logic-Controlled Disable Circuit.
Inverting Gain
V
I
V
O
(a) Common-Base
Amplifier
OTA
V
I
(b) Common-B Amplifier
OS
R
L
Non-Inverting Gain
V
several volts
R
E
V
O
R
L
R
E
≈
B
E
3
2
C
8
G = –
≈ –
R
L
R
E + g
m
1
R
L
R
E
V
OS ≈ 0
V+
100
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com