Electronic Components Datasheet Search
  English  ▼

X  

OPA660AP Datasheet(PDF) 14 Page - Texas Instruments

Part # OPA660AP
Description  OPERATIONAL TRANSCONDUCTANCE AMPLIFIER AND BUFFER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA660AP Datasheet(HTML) 14 Page - Texas Instruments

Back Button OPA660AP Datasheet HTML 10Page - Texas Instruments OPA660AP Datasheet HTML 11Page - Texas Instruments OPA660AP Datasheet HTML 12Page - Texas Instruments OPA660AP Datasheet HTML 13Page - Texas Instruments OPA660AP Datasheet HTML 14Page - Texas Instruments OPA660AP Datasheet HTML 15Page - Texas Instruments OPA660AP Datasheet HTML 16Page - Texas Instruments OPA660AP Datasheet HTML 17Page - Texas Instruments OPA660AP Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
®
OPA660
R
3
51
Ω
R
6
150
Ω
R
6
150
Ω
R
7
51
Ω
+5V
2.2pF
10nF
7
3
5
4
1
62
OPA660
+1
OTA
8
R
9
240
Ω
R
8
43
Ω
R
16
560
Ω
2.2µF
10nF
–5V
18pF
R
10
150
Ω
4
1
8
5
22pF
10nF
2.2µF
10nF
R
11
51
Ω
V
O
+5V
–5V
C
5
G = ––––––––– = 4
Rg
R
8 + rE
r
E = 1/gm
BUF601
+V
I
–V
I
OTA
B
E
C
3
8
2
56
+1
50
Ω
780
Ω
50k
Ω
620
Ω
V
I
200
Ω
27pF
820
Ω
1µF
V
O
–5V
+5V
OTA
B
C
3
8
V
I
180
Ω
2
E
1
1 +
2g
m • (RE + RIN)
1
G =
≈ 1; R
O =
2g
m
1
R
IN
50
Ω
Network
Analyzer
33pF
47
Ω
V
O
50
Ω
R
E
VO
f–3dB
±100mV
351MHz
±300mV
374MHz
±700mV
435MHz
±1.4V
460MHz
±2.5V
443MHz
FIGURE 19. CMRR and Bandwidth of the Differential Amplifier
FIGURE 18. 400MHz Differential Amplifier
FIGURE 16. Voltage Buffer with Doubled-Output Current.
1M
10M
100M
1G
Frequency (Hz)
300k
3G
10
0
–10
–20
–30
–10
I
Q = 20mA, G = +4V/V
with C
5
without C
5
–70
–20
–30
–40
–50
–60
FIGURE 17. Integrator for ns-pulses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com