Electronic Components Datasheet Search
  English  ▼

X  

OPA660AP Datasheet(PDF) 5 Page - Texas Instruments

Part # OPA660AP
Description  OPERATIONAL TRANSCONDUCTANCE AMPLIFIER AND BUFFER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA660AP Datasheet(HTML) 5 Page - Texas Instruments

  OPA660AP Datasheet HTML 1Page - Texas Instruments OPA660AP Datasheet HTML 2Page - Texas Instruments OPA660AP Datasheet HTML 3Page - Texas Instruments OPA660AP Datasheet HTML 4Page - Texas Instruments OPA660AP Datasheet HTML 5Page - Texas Instruments OPA660AP Datasheet HTML 6Page - Texas Instruments OPA660AP Datasheet HTML 7Page - Texas Instruments OPA660AP Datasheet HTML 8Page - Texas Instruments OPA660AP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
®
OPA660
OTA TRANSCONDUCTANCE vs FREQUENCY
1M
10M
100M
1G
1000
100
Frequency (Hz)
I
Q = 20mA
106mA/V
I
Q = 10mA
66mA/V
I
Q = 5mA
40mA/V
R
L = 50Ω
10
BUFFER SLEW RATE
vs TOTAL QUIESCENT CURRENT (I
Q)
4
Total Quiescent Current—I
Q (mA)
4000
3800
3600
3400
3200
3000
2800
2600
2400
2200
6
8
10
12
14
16
18
20
Rising Edge
Falling Edge
2000
BUFFER OUTPUT AND OTA E-OUTPUT RESISTANCE
vs TOTAL QUIESCENT CURRENT (I
Q)
Total Quiescent Current—I
Q (mA)
4
6
8
10
12
14
16
18
20
40
30
20
10
0
R
OUTBUF
R
OUTOTA
BUFFER AND OTA B-INPUT RESISTANCE
vs TOTAL QUIESCENT CURRENT (I
Q)
4
Total Quiescent Current — I (mA)
6
8
10
12
14
16
18
20
Q
4
3
2
1
0
–1
R
INOTA
R
INBUF
BUFFER AND OTA B-INPUT OFFSET VOLTAGE
vs TEMPERATURE
–25
Temperature (°C)
20
15
10
5
0
–5
–10
–15
0
255075
100
–20
TYPICAL PERFORMANCE CURVES (CONT)
IQ = 20mA, TA = +25°C, and VS = ±5V unless otherwise noted.
OTA TRANSCONDUCTANCE
vs TOTAL QUIESCENT CURRENT (I
Q)
0
Total Quiescent Current—I
Q (mA)
150
100
50
4
6
8
1012
1618
20
0
214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com