Electronic Components Datasheet Search
  English  ▼

X  

TPS3780CDBVT Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3780CDBVT
Description  Dual-Channel, Low-Power, High-Accuracy Voltage Detectors
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3780CDBVT Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS3780CDBVT Datasheet HTML 12Page - Texas Instruments TPS3780CDBVT Datasheet HTML 13Page - Texas Instruments TPS3780CDBVT Datasheet HTML 14Page - Texas Instruments TPS3780CDBVT Datasheet HTML 15Page - Texas Instruments TPS3780CDBVT Datasheet HTML 16Page - Texas Instruments TPS3780CDBVT Datasheet HTML 17Page - Texas Instruments TPS3780CDBVT Datasheet HTML 18Page - Texas Instruments TPS3780CDBVT Datasheet HTML 19Page - Texas Instruments TPS3780CDBVT Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
TPS3779, TPS3780
SBVS250 – APRIL 2015
www.ti.com
12 Device and Documentation Support
12.1 Device Support
12.1.1 Development Support
12.1.1.1 Evaluation Modules
An evaluation module (EVM) is available to assist in the initial circuit performance evaluation using the TPS3779
and TPS3780. SLVU796 details the design kits and evaluation modules for TPS3780EVM-154.
The EVM can be requested at the Texas Instruments web site through the TPS3779 and TPS3780 product
folders, or purchased directly from the TI eStore.
12.1.1.2 Spice Models
Computer simulation of circuit performance using SPICE is often useful when analyzing the performance of
analog circuits and systems. A SPICE model for the TPS3779 and TPS3780 is available through the respective
device product folders under Simulation Models.
12.1.2 Device Nomenclature
The TPS3779xyyyz and TPS3780xyyyz are the generic naming conventions for these devices. The TPS3779
and TPS3780 represent the family of these devices; x is used to display the hysteresis version, yyy is reserved
for the package designator, and z is the package quantity.
•
Example: TPS3779CDBVR
•
Family: TPS3779 (push-pull)
•
Hysteresis: 10%
•
DBV Package: 6-pin SOT
•
Package Quantity: R is for a reel (3000 pieces)
12.2 Documentation Support
12.2.1 Related Documentation
12.2.1.1 Related Documentation
For related documentation see the following:
•
TPS3780EVM-154 Evaluation Module, SLVU796
•
Application report SLVA450—Optimizing Resistor Dividers at a Comparator Input
12.3 Related Links
The table below lists quick access links. Categories include technical documents, support and community
resources, tools and software, and quick access to sample or buy.
Table 4. Related Links
TECHNICAL
TOOLS &
SUPPORT &
PARTS
PRODUCT FOLDER
SAMPLE & BUY
DOCUMENTS
SOFTWARE
COMMUNITY
TPS3779
Click here
Click here
Click here
Click here
Click here
TPS3780
Click here
Click here
Click here
Click here
Click here
12.4 Trademarks
All trademarks are the property of their respective owners.
12.5 Electrostatic Discharge Caution
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
16
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPS3779 TPS3780



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com