Electronic Components Datasheet Search
  English  ▼

X  

TPS3780CDBVT Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3780CDBVT
Description  Dual-Channel, Low-Power, High-Accuracy Voltage Detectors
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3780CDBVT Datasheet(HTML) 15 Page - Texas Instruments

Back Button TPS3780CDBVT Datasheet HTML 11Page - Texas Instruments TPS3780CDBVT Datasheet HTML 12Page - Texas Instruments TPS3780CDBVT Datasheet HTML 13Page - Texas Instruments TPS3780CDBVT Datasheet HTML 14Page - Texas Instruments TPS3780CDBVT Datasheet HTML 15Page - Texas Instruments TPS3780CDBVT Datasheet HTML 16Page - Texas Instruments TPS3780CDBVT Datasheet HTML 17Page - Texas Instruments TPS3780CDBVT Datasheet HTML 18Page - Texas Instruments TPS3780CDBVT Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
VPU
VDD
CIN
1
3
2
6
4
5
OUT1
OUT2
VMON1
VMON2
R3
R2
R4
R1
R6
R5
VPU
Time (5 ms/div)
OUT1 (1 V/div)
OUT2 (1 V/div)
VDD = VMON (1 V/div)
.
TOTAL
R1
R
R2
R3
2.78
k
M
150
k
1 7 M
845
8


:
: 
:

:
TPS3779, TPS3780
www.ti.com
SBVS250 – APRIL 2015
5. Use Equation 7 to calculate R1. Select the nearest 1% resistor value for R1. In this case, 1.78 M
Ω is a 1%
resistor.
(7)
9.4.3 Application Curve
Figure 25. Early Warning Detection Curve
10 Power-Supply Recommendations
The TPS3779 and TPS3780 are designed to operate from an input voltage supply range between 1.5 V and
6.5 V. An input supply capacitor is not required for this device; however, good analog practice (required for less
VDD < 1.5 V) is to place a 0.1-µF or greater capacitor between the VDD pin and the GND pin. This device has a
7-V absolute maximum rating on the VDD pin. If the voltage supply providing power to VDD is susceptible to any
large voltage transient that can exceed 7 V, additional precautions must be taken.
For applications where SENSE is greater than 0 V before VDD, and subject to a startup slew rate of less than
200 mV per 1 ms, the output can be driven to logic high in error. To correct the output, cycle the SENSE lines
below VIT– or sequence SENSE after VDD.
11 Layout
11.1 Layout Guidelines
Place the VDD decoupling capacitor close to the device.
Avoid using long traces for the VDD supply node. The VDD capacitor, along with parasitic inductance from the
supply to the capacitor, can form an LC tank and create ringing with peak voltages above the maximum VDD
voltage.
11.2 Layout Example
Figure 26. Example SOT23 Layout
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: TPS3779 TPS3780



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com