Electronic Components Datasheet Search
  English  ▼

X  

TPS3780CDBVT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3780CDBVT
Description  Dual-Channel, Low-Power, High-Accuracy Voltage Detectors
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3780CDBVT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS3780CDBVT Datasheet HTML 6Page - Texas Instruments TPS3780CDBVT Datasheet HTML 7Page - Texas Instruments TPS3780CDBVT Datasheet HTML 8Page - Texas Instruments TPS3780CDBVT Datasheet HTML 9Page - Texas Instruments TPS3780CDBVT Datasheet HTML 10Page - Texas Instruments TPS3780CDBVT Datasheet HTML 11Page - Texas Instruments TPS3780CDBVT Datasheet HTML 12Page - Texas Instruments TPS3780CDBVT Datasheet HTML 13Page - Texas Instruments TPS3780CDBVT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
SENSE1
GND
VDD
OUT1
VIT+
SENSE2
OUT2
TPS3779
SENSE1
GND
VDD
OUT1
VIT+
SENSE2
OUT2
TPS3780
TPS3779, TPS3780
SBVS250 – APRIL 2015
www.ti.com
8 Detailed Description
8.1 Overview
The TPS3779 and TPS3780 are a family of small, low quiescent current (IDD), dual-channel voltage detectors.
These devices have high-accuracy, rising and falling input thresholds, and assert the output as shown in Table 1.
The output (OUTx pin) goes low when the SENSEx pin is less than VIT– and goes high when the pin is greater
than VIT+. The TPS3779 and TPS3780 offer multiple hysteresis options from 0.5% to 10% for use in a wide
variety of applications. These devices have two independent voltage detection channels that can be used in
systems where multiple voltage rails are required to be monitored, or where one channel can be used as an early
warning signal and the other channel used as the system reset signal.
Table 1. TPS3779, TPS3780 Truth Table
CONDITIONS
OUTPUT
SENSE1 < VIT–
OUT1 = low
SENSE2 < VIT–
OUT2 = low
SENSE1 > VIT+
OUT1 = high
SENSE2 > VIT+
OUT2 = high
8.2 Functional Block Diagrams
Figure 20. TPS3779 Block Diagram
Figure 21. TPS3780 Block Diagram
10
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPS3779 TPS3780



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com