Electronic Components Datasheet Search
  English  ▼

X  

TPS3780CDBVT Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3780CDBVT
Description  Dual-Channel, Low-Power, High-Accuracy Voltage Detectors
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3780CDBVT Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS3780CDBVT Datasheet HTML 10Page - Texas Instruments TPS3780CDBVT Datasheet HTML 11Page - Texas Instruments TPS3780CDBVT Datasheet HTML 12Page - Texas Instruments TPS3780CDBVT Datasheet HTML 13Page - Texas Instruments TPS3780CDBVT Datasheet HTML 14Page - Texas Instruments TPS3780CDBVT Datasheet HTML 15Page - Texas Instruments TPS3780CDBVT Datasheet HTML 16Page - Texas Instruments TPS3780CDBVT Datasheet HTML 17Page - Texas Instruments TPS3780CDBVT Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
(
_ )
.
TOTAL
IT
MON UV 1
R
2.78 M
R2
1 074
V
R3
V
845
149
V
3
k
k
V

:
:
x

x

:
IT+
V
1.194 V
R3
846
I
1.41 A
k

:
(
_ )
.
MON PG 2
TOTAL
V
3.9 V
R
I
1.41
8


2 7 M:
TPS3779C
VDD
SENSE1
SENSE2
OUT1
OUT2
GND
R1
R2
R3
0.1 F
VMON
To a re set or enable
inpu t of the syste m
To a re set or enable
inpu t of the syste m
TPS3779, TPS3780
SBVS250 – APRIL 2015
www.ti.com
9.4 Early Warning Detection
Figure 24. Early Warning Detection Schematic
9.4.1 Design Requirements
Table 3. Design Parameters
PARAMETER
DESIGN REQUIREMENT
DESIGN RESULT
VDD
VMON
VMON
Hysteresis
10%
10%
Monitored voltage 1
VMON(PG) = 3.3 V, VMON(UV) = 3 V
VMON(PG) = 3.330 V, VMON(UV) = 2.997 V
Monitored voltage 2
VMON(PG) = 3.9 V, VMON(UV) = 3.5 V
VMON(PG) = 3.921 V, VMON(UV) = 3.529 V
9.4.2 Detailed Design Procedure
1. Select the TPS3779C. The C version is selected to satisfy the hysteresis requirement. The TPS3779 is
selected to save on component count and board space.
2. Use Equation 4 to calculate the total resistance for the resistor divider. Determine the minimum total
resistance of the resistor network necessary to achieve the current consumption specification. For this
example, the current flow through the resistor network is chosen to be 1.41 µA. Use the key transition point
for VMON2. For this example, the low-to-high transition, VMON(PG), is considered more important.
where
•
VMON(PG_2) is the target voltage at which OUT2 goes high when VMON2 rises, and
•
I is the current flowing through the resistor network.
(4)
3. After RTOTAL is determined, R3 can be calculated using Equation 5. Select the nearest 1% resistor value for
R3. In this case, 845 k
Ω is the closest value.
(5)
4. Use Equation 6 to calculate R2. Select the nearest 1% resistor value for R2. In this case, 150 k
Ω is the
closest value. Use the key transition point for VMON1. For this example, the low-to-high transition, VMON(UV), is
considered more important.
where
•
VMON(UV_1) is the target voltage at which OUT1 goes low when VMON1 falls.
(6)
14
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPS3779 TPS3780



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com