Electronic Components Datasheet Search
  English  ▼

X  

TPS3780CDBVT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3780CDBVT
Description  Dual-Channel, Low-Power, High-Accuracy Voltage Detectors
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3780CDBVT Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS3780CDBVT Datasheet HTML 7Page - Texas Instruments TPS3780CDBVT Datasheet HTML 8Page - Texas Instruments TPS3780CDBVT Datasheet HTML 9Page - Texas Instruments TPS3780CDBVT Datasheet HTML 10Page - Texas Instruments TPS3780CDBVT Datasheet HTML 11Page - Texas Instruments TPS3780CDBVT Datasheet HTML 12Page - Texas Instruments TPS3780CDBVT Datasheet HTML 13Page - Texas Instruments TPS3780CDBVT Datasheet HTML 14Page - Texas Instruments TPS3780CDBVT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
TPS3779, TPS3780
www.ti.com
SBVS250 – APRIL 2015
8.3 Feature Description
8.3.1 Inputs (SENSE1, SENSE2)
The TPS3779 and TPS3780 have two comparators for voltage detection. Each comparator has one external
input; the other input is connected to the internal reference. The comparator rising threshold is designed and
trimmed to be equal to VIT+ and the falling threshold is trimmed to be equal to VIT–. The built-in falling hysteresis
options make the devices immune to supply rail noise and ensure stable operation.
The comparator inputs can swing from ground to 6.5 V, regardless of the device supply voltage used. Although
not required in most cases, for extremely noisy applications, good analog design practice is to place a 1-nF to
10-nF bypass capacitor at the comparator input in order to reduce sensitivity to transients and layout parasitic.
For each SENSE input, the corresponding output (OUTx) is driven to logic low when the input voltage drops
below VIT–. When the voltage exceeds VIT+, the output (OUTx) is driven high; see Figure 1.
8.3.2 Outputs (OUT1, OUT2)
In a typical device application, the outputs are connected to a reset or enable input of another device, such as a
digital signal processor (DSP), central processing unit (CPU), field-programmable gate array (FPGA), or
application-specific integrated circuit (ASIC); or the outputs are connected to the enable input of a voltage
regulator, such as a dc-dc or low-dropout (LDO) regulator.
The TPS3779 provides two push-pull outputs. The logic high level of the outputs is determined by the VDD pin
voltage. With this configuration pull-up resistors are not required, thus saving board space. However, all interface
logic levels must be examined. All OUT connections must be compatible with the VDD pin logic level.
The TPS3780 provides two open-drain outputs (OUT1 and OUT2); pull-up resistors must be used to hold these
lines high when the output goes to a high-impedance condition (not asserted). By connecting pull-up resistors to
the proper voltage rails, the outputs can be connected to other devices at correct interface voltage levels. The
outputs can be pulled up to 6.5 V, independent of the device supply voltage. To ensure proper voltage levels,
make sure to choose the correct pull-up resistor values. The pull-up resistor value is determined by VOL, the sink
current capability, and the output leakage current (Ilkg(OD)). These values are specified in the Electrical
Characteristics table. By using wired-AND logic, OUT1 and OUT2 can be combined into one logic signal. The
Inputs (SENSE1, SENSE2) section describes how the outputs are asserted or deasserted. See Figure 1 for a
description of the relationship between threshold voltages and the respective output.
8.4 Device Functional Modes
8.4.1 Normal Operation (VDD
≥ VDD(min))
When the voltage on VDD is greater than VDD(min) for tSD, the output signals react to the present state of the
corresponding SENSE pins.
8.4.2 Power-On Reset (VDD < V(POR))
When the voltage on VDD is lower than the required voltage to internally pull the logic low output to GND
(V(POR)), both outputs are undefined and are not to be relied upon for proper system function.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS3779 TPS3780



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com