Electronic Components Datasheet Search
  English  ▼

X  

ATA6821 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # ATA6821
Description  High Speed Power Driver IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6821 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button ATA6821 Datasheet HTML 5Page - ATMEL Corporation ATA6821 Datasheet HTML 6Page - ATMEL Corporation ATA6821 Datasheet HTML 7Page - ATMEL Corporation ATA6821 Datasheet HTML 8Page - ATMEL Corporation ATA6821 Datasheet HTML 9Page - ATMEL Corporation ATA6821 Datasheet HTML 10Page - ATMEL Corporation ATA6821 Datasheet HTML 11Page - ATMEL Corporation ATA6821 Datasheet HTML 12Page - ATMEL Corporation ATA6821 Datasheet HTML 13Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
ATA6821
4778A–AUTO–11/03
Figure 4. Application Circuit 1: Power Driver with Minimum External Components
Figure 5. Application Circuit 2: Driver Circuit with Short-circuit Monitoring via the
Drain-source Voltage of the Power Device
FEED
1/3 V
S
Charge
Pump
Monoflop
40 ms
Monoflop
20 ms
Control -
Logic
Test-
Logic
Push
Pull
Output
Stage
12 V
Undervoltage
Detection
V
S
MEAS
Pulse Shaping
7 V/
4 V
3
V
S
1, 2
OUTPUT
13, 14
PGND
11, 12
MONITOR
7
5
9
8
Voltage
Monitoring
TEST
+
C
VS
GND
70K
15K
Measure-
Logic
GND
10
V
S
INPUT
FEED
1/3 V
S
Charge
Pump
Monoflop
40 ms
Monoflop
20 ms
Control -
Logic
Test-
Logic
Push
Pull
Output
Stage
12 V
Undervoltage
Detection
V
S
MEAS
Pulse Shaping
7 V/
4 V
3
V
S
1, 2
OUTPUT
13, 14
PGND
11, 12
MONITOR
7
5
9
8
Voltage
Monitoring
TEST
+
V
S
GND
70K
15K
Measure-
Logic
GND
10
C
VS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com