Electronic Components Datasheet Search
  English  ▼

X  

ATA6821 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATA6821
Description  High Speed Power Driver IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6821 Datasheet(HTML) 4 Page - ATMEL Corporation

  ATA6821 Datasheet HTML 1Page - ATMEL Corporation ATA6821 Datasheet HTML 2Page - ATMEL Corporation ATA6821 Datasheet HTML 3Page - ATMEL Corporation ATA6821 Datasheet HTML 4Page - ATMEL Corporation ATA6821 Datasheet HTML 5Page - ATMEL Corporation ATA6821 Datasheet HTML 6Page - ATMEL Corporation ATA6821 Datasheet HTML 7Page - ATMEL Corporation ATA6821 Datasheet HTML 8Page - ATMEL Corporation ATA6821 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
ATA6821
4778A–AUTO–11/03
Functional Description
The ATA6821 controls a push-pull power output stage for an external power device and
a feedback output stage. If the voltage at the input pin is > 7 V, both outputs are at
“high-level”, if the input voltage falls below the switch-off threshold of 4 V, both outputs
are switched to ground.
If a rectangular input signal is fed to the input, the feedback ouput “Feed” is not used
and pin 8 needs no external connection.
In case the input signal, however, comes from a transformer (potential-free control; see
Figure 7 on page 11), the integrated pulse shaping circuit is used to achieve a reliable
feedback configuration at the input. This ensures correct switching of the output stage
even if the input signal is very noisy.
For the timing of input and output signals and the slew rates, please refer to Figure 3 on
page 8. The timing diagram is based on the following test conditions: A 2 k
W resistor is
connected between pin 8 and ground; a 2 k
W resistor and a 1 nF capacitor are used as
load for the power output (pins 13 and 14) simulating identical conditions as a power
MOSFET, which is usually connected to the output.
Undervoltage Detection
During power-up and power-down of the supply voltage, the internal undervoltage circuit
suppresses uncontrolled output pulses. In case of undervoltage (V
S < 16 V), the feed-
back output and the power output are switched off and locked for 40 ms.
When the supply voltage has reached the switch-on-threshold of about 17 V, both out-
put stages are enabled after a delay time of 40 ms.
Voltage Monitoring
An effective short-circuit detection of the external device is achieved by a drain-source
voltage monitor.
The voltage monitor comparator (pin 3) has a threshold of 1/3
´ V
S. If the voltage
applied to pin 3 exceeds this voltage, both output stages are switched off immediately
and locked for 20 ms. With a hysteresis of 200 mV, the outputs are enabled again after
a delay time of 20 ms. A voltage divider connected to V
S is used to feed the input volt-
age to pin 3. A decoupling diode is recommended if the external power device‘s drain
source voltage exceeds 30 V (see Figure 5 on page 9).
With the help of an external capacitor, connected to pin 3, the switching characteristic of
the voltage monitor comparator can be varied according to the rising edge of the input
signal at pin 9. During the off cycle, the capacitor is discharged, during the on-cycle, it is
charged again.
If the voltage monitoring function is not used, pin 3 should be connected to ground (see
Figure 4 on page 9).
Application Hints
Due to high peak output currents, the layout of the PC board is essential. Appropriate
decoupling capacitors should be used, otherwise, the performance of the driver
degrades severely. It is strongly recommended to connect the blocking capacitors (low
ESR types) as close as possible to the power supply and the ground pins. If necessary,
two or more capacitors of different types may be connected in parallel.
The two power ground pins, the ground pin, the two output pins and the two supply pins
should be externally connected together as close as possible to the pins.
The measurement pin (pin 5) and the test pin (pin 7) must not be used in any application
and need to be tied to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com