Electronic Components Datasheet Search
  English  ▼

X  

ATA6821 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATA6821
Description  High Speed Power Driver IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6821 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATA6821 Datasheet HTML 2Page - ATMEL Corporation ATA6821 Datasheet HTML 3Page - ATMEL Corporation ATA6821 Datasheet HTML 4Page - ATMEL Corporation ATA6821 Datasheet HTML 5Page - ATMEL Corporation ATA6821 Datasheet HTML 6Page - ATMEL Corporation ATA6821 Datasheet HTML 7Page - ATMEL Corporation ATA6821 Datasheet HTML 8Page - ATMEL Corporation ATA6821 Datasheet HTML 9Page - ATMEL Corporation ATA6821 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
ATA6821
4778A–AUTO–11/03
Electrical Characteristics
Conditions:
16 V < VS < 30 V; -40°C < TA < 100°C
V1 = V2 = VS, V13 = V14 = VOut, V4 = V5 = V6 = V7 = 0 V
V10 = V11 = V12 = GND = Reference point, unless otherwise specified
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
1
Supply Voltage Range
1.1
Supply voltage
1, 2
V
S
16
30
V
C
2
Current Consumption
V
s £ 30 V; no load at
“Feed” and “Output”
1, 2
I
VS
6mA
A
3
Undervoltage Detection (UVD)
3.1
Switch-on threshold
UVD
1, 2
V
Son
16
17
18
V
A
3.2
Hysteresis UVD
1, 2
dV
Son
300
mV
A
3.3
Timeout after
undervoltage
1, 2
toffUVD
30
40
50
ms
A
4
Voltage Monitoring (VM)
4.1
Input Resistance
3
Ri
VM
30
70
150
k
W
A
4.2
Switch-off threshold VM
3
VToff
V
S/3
- 2%
VS/3
V
S/3
+ 4%
VA
4.3
Hysteresis VM
3
dV
S
200
mV
A
4.4
Switch-off-delay
monitor-output
3 - 13,
14
tdoffVM
60
ns
A
4.5
Timeout after switch-off
by voltage monitoring
3 - 13,
14
t
offVM
15
20
25
ms
A
5
Input Stage
5.1
Input Resistance
9
Ri
Input
15
k
W
A
5.2
Switch-on-threshold
9
V
INON
68
V
A
5.3
Switch-off-threshold
9
V
INOFF
35
V
A
5.4
Propagation delay-time
“Input - Feed”
9 - 8
t
dIn-Feed
30
ns
A
5.5
Propagation delay-time
“Input - Output”
9 - 13
tdIn-Out
50
ns
A
6
Feed Output
6.1
High voltage Feed, no
load
Pin 8 open, V
9 ³ 8 V
8
V
Feed0
13
V
A
6.2
Output resistance high
I
Feed = -5 mA, V9 ³ 8 V
8
R
FeedHi
500
1000
W
A
6.3
Output resistance low
I
Feed = 5 mA, V9 £ 3 V
8
R
FeedLo
100
500
W
A
6.4
Rise time (10% to 90%)
R
Feed external = 2 kW,
Rising edge at pin 9
8t
rFeed
20
ns
A
6.5
Fall time (10% to 90%)
RFeed external = 2 kW,
Falling edge at pin 9
8t
fFeed
10
ns
A
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com