Electronic Components Datasheet Search
  English  ▼

X  

ATA6821 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # ATA6821
Description  High Speed Power Driver IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6821 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button ATA6821 Datasheet HTML 3Page - ATMEL Corporation ATA6821 Datasheet HTML 4Page - ATMEL Corporation ATA6821 Datasheet HTML 5Page - ATMEL Corporation ATA6821 Datasheet HTML 6Page - ATMEL Corporation ATA6821 Datasheet HTML 7Page - ATMEL Corporation ATA6821 Datasheet HTML 8Page - ATMEL Corporation ATA6821 Datasheet HTML 9Page - ATMEL Corporation ATA6821 Datasheet HTML 10Page - ATMEL Corporation ATA6821 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
ATA6821
4778A–AUTO–11/03
7
Push-pull-outputstage
7.1
On-resistance high
I
Out = -1 A, V9 ³ 8 V
13 - 1, 2
R
OutHigh
2
W
A
7.2
On-resistance low
I
Out = 1A, V9 £ 3 V
13
R
OutLow
2
W
A
7.3
Peak output current
high
t
£ 100 µs, rising edge
at pin 9
13,14
-i
Out
4A
D
7.4
Peak output current low
t
£ 100 µs, falling edge
at pin 9
13,14
i
Out
4A
D
7.5
Rise time (10% to 90%)
Rising edge at pin 9
external load:
C
Out = 1 nF, ROut = 2 kW
13,14
t
rOut
12
ns
A
7.6
Fall time (10% to 90%)
Falling edge at pin 9
external load:
C
Out = 1 nF, ROut = 2 kW
13,14
t
fOut
12
ns
A
Electrical Characteristics (Continued)
Conditions:
16 V < VS < 30 V; -40°C < TA < 100°C
V1 = V2 = VS, V13 = V14 = VOut, V4 = V5 = V6 = V7 = 0 V
V10 = V11 = V12 = GND = Reference point, unless otherwise specified
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com