Electronic Components Datasheet Search
  English  ▼

X  

ATA6821 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATA6821
Description  High Speed Power Driver IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6821 Datasheet(HTML) 1 Page - ATMEL Corporation

  ATA6821 Datasheet HTML 1Page - ATMEL Corporation ATA6821 Datasheet HTML 2Page - ATMEL Corporation ATA6821 Datasheet HTML 3Page - ATMEL Corporation ATA6821 Datasheet HTML 4Page - ATMEL Corporation ATA6821 Datasheet HTML 5Page - ATMEL Corporation ATA6821 Datasheet HTML 6Page - ATMEL Corporation ATA6821 Datasheet HTML 7Page - ATMEL Corporation ATA6821 Datasheet HTML 8Page - ATMEL Corporation ATA6821 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Rev. 4778A–AUTO–11/03
Features
• Push-pull Output Stage for 4 A Peak Current
• Low R
dson < 2 Ω
• 12 V Push-pull Output Stage for Pulse Shaping
• Super Short Propagation Delay Input-output 50 ns
• Super Fast Rise/Fall Time of Output Stage 12 ns
• Monitoring Circuit with 60 ns Switch-off Delay and 20 ms Lockout
• Undervoltage Lockout 40 ms
• Wide Supply Voltage Range from16 V up to 30 V
• Fully Integrated Charge Pump
Electrostatic sensitive device.
Observe precautions for handling.
Description
The ATA6821 is a single-channel high-speed power driver IC designed with Atmel's
0.8 µm BCDMOS technology. With its extremly short propagation delay and super fast
slew rates, the ATA6821 is ideally suited to control MOSFETs or IGBTs in a wide
range of automotive and industrial high-speed applications. The push-pull output
stage is capable of driving peak currents of 4 A.
The ATA6821 is designed to control high currents as they can be found in electrical
machines or in power converters. The ATA6821 is tailored to control low resistance
switching devices by a potential-free input signal.
The ATA6821’s full automotive qualification, ESD protection and protection against
transients according to ISO/TR 7637/1 guarantees security for all kind of applications.
High Speed
Power Driver IC
ATA6821


Similar Part No. - ATA6821

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6821 ATMEL-ATA6821 Datasheet
237Kb / 14P
High Speed Power Driver IC
ATA6821 ATMEL-ATA6821_05 Datasheet
237Kb / 14P
High Speed Power Driver IC
More results

Similar Description - ATA6821

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1705 TI-UC1705 Datasheet
298Kb / 11P
High Speed Power Driver
logo
Sanyo Semicon Device
LB11975 SANYO-LB11975 Datasheet
118Kb / 12P
High-Speed CD-ROM Spindle Motor Driver IC
logo
Supertex, Inc
MD1711 SUTEX-MD1711 Datasheet
192Kb / 9P
HIGH SPEED INTEGRATED ULTRASOUND DRIVER IC
logo
ATMEL Corporation
ATA6821 ATMEL-ATA6821_05 Datasheet
237Kb / 14P
High Speed Power Driver IC
logo
Supertex, Inc
MD1711 SUTEX-MD1711_07 Datasheet
472Kb / 10P
High Speed, Integrated Ultrasound Driver IC
logo
Texas Instruments
UC1705 TI1-UC1705_15 Datasheet
883Kb / 18P
HIGH SPEED POWER DRIVER
logo
Supertex, Inc
MD1715 SUTEX-MD1715 Datasheet
721Kb / 9P
Two Channel, Five Level, High Speed Ultrasound Driver IC
MD1712 SUTEX-MD1712 Datasheet
901Kb / 12P
High Speed, Integrated Ultrasound Driver IC
MD1711 SUTEX-MD1711_14 Datasheet
585Kb / 12P
High Speed, Integrated Ultrasound Driver IC
logo
Microchip Technology
MD1716 MICROCHIP-MD1716 Datasheet
769Kb / 16P
3-Channel 3-Level High-Speed Ultrasound Driver IC
02/28/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com