Electronic Components Datasheet Search
  English  ▼

X  

PC87591S Datasheet(PDF) 116 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591S
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591S Datasheet(HTML) 116 Page - National Semiconductor (TI)

Back Button PC87591S Datasheet HTML 112Page - National Semiconductor (TI) PC87591S Datasheet HTML 113Page - National Semiconductor (TI) PC87591S Datasheet HTML 114Page - National Semiconductor (TI) PC87591S Datasheet HTML 115Page - National Semiconductor (TI) PC87591S Datasheet HTML 116Page - National Semiconductor (TI) PC87591S Datasheet HTML 117Page - National Semiconductor (TI) PC87591S Datasheet HTML 118Page - National Semiconductor (TI) PC87591S Datasheet HTML 119Page - National Semiconductor (TI) PC87591S Datasheet HTML 120Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 437 page
background image
Embedded Controller Modules (Continued)
www.national.com
116
Revision 1.07
4.5.3
GPI Port Py
Input Only Port with Alternate Function
The General-Purpose Input (GPI) port (Py) contains a subset of the GPIO functions. It can be used as a GPI port or as an
input signal for an alternate function. Figure 35 illustrates its functionality.
Px
Alt
Alt
Alt
Pull-Up
PxAlt
(PxWPU)
(PxDIR)
(PxDOUT)
PxDIN
Alt
Figure 34. GPIO Port Px Output with Echo Schematic Diagram
PIN
Echo EN
To MIWU
PIN
Data Out
Register {
Direction Register
{
Weak Pull-Up Register
Data In Register
Alt Device Direction
Alt Device Data Input
Data In Read
Alternative Function Register
{
or Py
Px
{
PIN
Data Input Register
Alt
Alt Device Data Input
Data Input Read
Weak Pull-Up
Pull-Up
PyAlt
Alternate Function Register
Weak Pull-Up
(PyWPU)
Alt
PyDIN
Figure 35. GPI Port Py Schematic Diagram
{
{



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com